| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9958XP bảng dữ liệu(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9958XP bảng dữ liệu(HTML) 14 Page - STMicroelectronics |
|
14 / 38 page ![]() Device description L9958 14/38 Doc ID 17269 Rev 5 3.3.1 Daisy chain operation Several L9958 can be connected to one SPI connection in daisy chain operation to save µC interface pins. The number of devices connected in daisy chain is unlimited. Figure 8. Daisy chain topology 3.4 SPI timing Figure 9. SPI timing |