| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
N8044AH-R0117 bảng dữ liệu(PDF) 10 Page - InnovASIC, Inc |
|
|
|||||||||||||||||||||||||||||
N8044AH-R0117 bảng dữ liệu(HTML) 10 Page - InnovASIC, Inc |
|
10 / 65 page ![]() IA8044/IA8344 Data Sheet SDLC Communications Controller March 30, 2010 IA211010112-04 http://www.Innovasic.com UNCONTROLLED WHEN PRINTED OR COPIED Customer Support: Page 10 of 65 1-888-824-4184 ® 64-Kbyte external data memory space 4-Kbyte internal ROM (IA8044 only) 1.2 Variants IA8044 – 4-Kbyte internal ROM with R0117 version 2.3 firmware – 192-byte internal RAM – 64-Kbyte external program and data space IA8344 – 192-byte internal RAM – 64-Kbyte external program and data space 2. Packaging, Pin Descriptions, and Physical Dimensions The Innovasic Semiconductor IA8044 and IA8344 serial controllers are available in the following packages: 40-Pin Plastic Dual In-Line Package (PDIP), equivalent to original PDIP package (see Physical Package Dimensions) 44-Lead Plastic Leaded Chip Carrier (PLCC), equivalent to original PLCC package (see Physical Package Dimensions) |