| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IA6805E2-PLC44I-R-00 bảng dữ liệu(PDF) 2 Page - InnovASIC, Inc |
|
|
|||||||||||||||||||||||||||||
IA6805E2-PLC44I-R-00 bảng dữ liệu(HTML) 2 Page - InnovASIC, Inc |
|
2 / 33 page ![]() IA6805E2 29 August 2007 Microprocessor Unit As of Production Version 00 FEATURES Copyright © 2007 IA211081401-03 www.Innovasic.com Customer Support: Page 2 of 33 1-888-824-4184 © • • • • • • • • • • • • Form, Fit, and Function Compatible with the Harris© CDP6805E2CE and Motorola © MC146805E2 Internal 8-bit Timer with 7-Bit Programmable Prescaler On-chip Clock Memory Mapped I/O Versatile Interrupt Handling True Bit Manipulation Bit Test and Branch Instruction Vectored Interrupts Power-saving STOP and WAIT Modes Fully Static Operation 112 Bytes of RAM Packaging options available: 40 Pin Plastic DIP or, 44 Pin Plastic Leaded Chip Carrier, Standard or RoHS packages available The IA6805E2 is a "plug-and-play" drop-in replacement for the original IC. Innovasic produces replacement ICs using its MILESTM, or Managed IC Lifetime Extension System, cloning technology. This technology produces replacement ICs far more complex than "emulation" while ensuring they are compatible with the original IC. MILESTM captures the design of a clone so it can be produced even as silicon technology advances. MILESTM also verifies the clone against the original IC so that even the "undocumented features" are duplicated. This data sheet documents all necessary engineering information about the IA6805E2 including functional and I/O descriptions, electrical characteristics, and applicable timing. Package Pinout (6) AS (1) RESET_N (2) IRQ_N (3) LI (4) DS (5) RW_N (7) PA7 (8) (9) PA5 (10) (11) (12) PA2 (13) PA1 (14) 40 Pin DIP IA6805E2 PB4 PB5 PB6 PB7 (20) VSS (15) A12 (16) A11 (17) A10 (18) A9 (19) A8 (21) (22) (23) (24) B6 B7 (40) (39) (38) (37) (36) (35) (34) (33) (32) (31) (30) (29) (28) (27) (26) (25) PA0 B4 B5 B2 B3 B0 B1 PB2 PB3 PB0 PB1 OSC2 TIMER VDD OSC1 PA6 PA4 PA3 B2 44 Pin LCC IA6805E2 (12) PA3 (7) AS (8) PA7 (9) PA6 (10) PA5 (11) PA4 (13) PA2 (14) PA1 (15) PA0 (16) NC (17) NC PB1 PB7 PB6 PB5 PB3 PB2 (34) (39) (38) (37) (36) (35) (33) (32) (31) (30) (29) B3 B1 B0 PB4 |