| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
XS3F-M422-402-R bảng dữ liệu(PDF) 11 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
XS3F-M422-402-R bảng dữ liệu(HTML) 11 Page - Omron Electronics LLC |
|
11 / 17 page ![]() E3G-L1/L3 E3G-L1/L3 12 J ADJUSTMENTS (CONT.) Normal Two-point Teaching Sensor Background Background Sensor Object ON E3G-L Threshold a (La) Background Object Procedure Operation Panel status 1 Set the mode selector to TEACH. Object 2 Set the NORMAL/ZONE mode selector to NORMAL. OUT NORM L 3 Press the SET button with a sensing object located at sensing position. The threshold indicator (red) will turn ON. Threshold indicator (red) turns ON. ADJ TEACH ZONE D NEAR SET 4 Move the sensing object and press the SET button with the background. If the teaching is successful, the distance indicator (green) will turn ON. If the teaching is not successful, the threshold indicator (red) will start to flash. Background Press Distance indicator (green) turns ON. RUN FAR OUT NORM L 5 If the teaching is successful, set the mode selector to RUN to complete the teaching operation. If the teaching is not successful, change the position of the object and setting distance that have been set and repeat the procedure from step 3 above. OK NG (green) turns ON. Threshold indicator (red) starts to flash. RUN ADJ TEACH ZONE D NEAR FAR SET 6 Set to L-ON or D-ON mode with the operation mode selector. Press FAR La: Distance equivalent to threshold (a) Sensor Background OFF E3G-L Threshold a (La) OFF ON Background Threshold b (Lb) J ADJUSTMENTS (CONT.) Zone One-point Teaching Procedure Operation Panel status 1 Set the mode selector to TEACH. 2 Set the NORMAL/ZONE mode selector to ZONE. 3 Press the SET button with the background. All threshold indicators (Red) will turn ON while the SET button is pressed. When the SET button is released: $ If the teaching is successful, the distance indicator (green) will turn ON. $ If the teaching is not successful, the threshold indicator (red) will start to flash. OK NG Distance indicator (green) turns ON. Threshold indicator (red) starts to flash. OUT RUN ADJ TEACH ZONE D NORM L NEAR FAR SET 4 Set the mode selector to RUN. P FAR 5 Set to L-ON or D-ON mode with the operation mode selector. L-ON: Output ON with the background. D-ON: Output OFF with the background. Press La: Distance equivalent to threshold (a) |