công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

E3GL31 bảng dữ liệu(PDF) 3 Page - Omron Electronics LLC

tên linh kiện E3GL31
Giải thích chi tiết về linh kiện  Pin-point Beam, Adjustable Focus Point and Teach Mode for Reliable Detection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMRON [Omron Electronics LLC]
Trang chủ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3GL31 bảng dữ liệu(HTML) 3 Page - Omron Electronics LLC

  E3GL31 Datasheet HTML 1Page - Omron Electronics LLC E3GL31 Datasheet HTML 2Page - Omron Electronics LLC E3GL31 Datasheet HTML 3Page - Omron Electronics LLC E3GL31 Datasheet HTML 4Page - Omron Electronics LLC E3GL31 Datasheet HTML 5Page - Omron Electronics LLC E3GL31 Datasheet HTML 6Page - Omron Electronics LLC E3GL31 Datasheet HTML 7Page - Omron Electronics LLC E3GL31 Datasheet HTML 8Page - Omron Electronics LLC E3GL31 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
E3G-L1/L3
E3G-L1/L3
4
Specifications Table -- continued from previous page
Sensing method
Diffuse
Part number
NPN output
E3G-L11
E3G-L15
E3G-L31
E3G-L35
PNP output
E3G-L12
E3G-L16
E3G-L32
E3G-L36
Connection method
Pre-leaded
(standard length: 2 m)
M8 connector
Pre-leaded
(standard length: 2 m)
M8 connector
Weight (packed state)
Approx. 64 g
Approx. 21 g
Approx. 64 g
Approx. 21 g
Material
Case: PBT (polybutylene terephthalate). Lens: Acrylic (PMMA).
Mounting bracket: Stainless steel (SUS304)
Accessories included
Mounting bracket (with screws) and instruction sheet
Operation
J
OUTPUT CIRCUITS
Output
configuration
NPN
PNP
Part number
E3G-L11
E3G-L15
E3G-L31
E3G-L35
E3G-L12
E3G-L16
E3G-L32
E3G-L36
Output operation
Light-ON
Dark-ON
Light-ON
Dark-ON
Timing chart
Operate
Reset
(Between brown and black)
Incident
Interrupted
Operation
indicator
(orange)
Output
transistor
Load
(relay)
ON
OFF
ON
OFF
ON
OFF
Operate
Reset
(Between brown and black)
ON
OFF
Incident
Interrupted
Operation
indicator
(orange)
Output
transistor
Load
(relay)
ON
OFF
ON
OFF
Operate
Reset
(Between blue and black)
Incident
Interrupted
Operation
indicator
(orange)
Output
transistor
Load
(relay)
ON
OFF
ON
OFF
ON
OFF
Operate
Reset
(Between blue and black)
ON
OFF
Incident
Interrupted
Operation
indicator
(orange)
Output
transistor
Load
(relay)
ON
OFF
ON
OFF
Mode selector
L-ON (Light-ON)
D-ON (Dark-ON)
L-ON (Light-ON)
D-ON (Dark-ON)
Output circuit
J
CONNECTOR WIRING
XS3F-M421-402-R
XS3F-M421-405-R
XS3F-M422-402-R
XS3F-M422-405-R
Classification
Wire color
Connector
pin number
Use
DC
Brown
1
Power supply
(+ V)
White
2
Pin2is not
used.
Blue
3
Power supply
(0 V)
Black
4
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com