công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TAP686016 bảng dữ liệu(PDF) 2 Page - AVX Corporation

tên linh kiện TAP686016
Giải thích chi tiết về linh kiện  Dipped Radial Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AVX [AVX Corporation]
Trang chủ  http://www.avx.com
Logo AVX - AVX Corporation

TAP686016 bảng dữ liệu(HTML) 2 Page - AVX Corporation

  TAP686016 Datasheet HTML 1Page - AVX Corporation TAP686016 Datasheet HTML 2Page - AVX Corporation TAP686016 Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
124
I SEPTEMBER 2013
Technical Data:
All technical data relate to an ambient temperature of +25°C
Capacitance Range:
0.10 μF to 330 μF
Capacitance Tolerance:
±20%; ±10% (±5% consult your AVX representative for details)
Rated Voltage DC (V
R)
+85°C:
6.3
10
16
20
25
35
50
Category Voltage (V
C)
+125°C:
4
6.3
10
13
16
23
33
Surge Voltage (V
S)
+85°C:
8
13
20
26
33
46
65
Surge Voltage (V
S)
+125°C:
5
9
12
16
21
28
40
Temperature Range:
-55°C to +125°C
Environmental Classification:
55/125/56 (IEC 68-2)
Dissipation Factor:
0.04 for C
R 0.1-1.5μF
0.06 for C
R 2.2-6.8μF
0.08 for C
R 10-68μF
0.10 for C
R 100-330μF
Reliability:
1% per 1000 hrs. at 85°C with 0.1Ω/V series impedance, 60% confidence level.
Qualification:
CECC 30201 - 032
Capacitance Range (letter denotes case size)
Capacitance
Rated voltage DC (V
R)
μF
Code
6.3V
10V
16V
20V
25V
35V
50V
0.10
104
AA
0.15
154
AA
0.22
224
AA
0.33
334
AA
0.47
474
AA
0.68
684
AB
1.0
105
A
A
A
C
1.5
155
A
A
A
A
D
2.2
225
A
A
A
A
B
E
3.3
335
A
A
A
B
B
C
F
4.7
475
A
A
B
C
C
E
G
6.8
685
A
B
C
D
D
F
H
10
106
B
C
D
E
E
F
J
15
156
C
D
E
F
F
H
K
22
226
D
E
F
H
H
K
L
33
336
E
F
F
J
J
M
47
476
F
G
J
K
M
N
68
686
G
H
L
N
N
100
107
H
K
N
N
150
157
K
N
N
220
227
M
P
R
330
337
P
R
Values outside this standard range may be available on request.
AVX reserves the right to supply capacitors to a higher voltage rating, in the same case size, than that ordered.
MARKING
Polarity, capacitance, rated DC voltage, and an "A" (AVX
logo) are laser marked on the capacitor body which is made
of flame retardant gold epoxy resin with a limiting oxygen
index in excess of 30 (ASTM-D-2863).
• Polarity
• Capacitance
• Voltage
• AVX logo
• Tolerance code:
±20% = Standard (no marking)
±10% = “K” on reverse side of unit
±5%
= “J” on reverse side of unit
16
10
μ
A
+
Dipped Radial Capacitors
TAP Series
TECHNICAL SPECIFICATIONS



Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com