công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM1705DPTP4 bảng dữ liệu(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện AM1705DPTP4
Giải thích chi tiết về linh kiện  AM1705 ARM Microprocessor
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

AM1705DPTP4 bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button AM1705DPTP4 Datasheet HTML 3Page - Texas Instruments AM1705DPTP4 Datasheet HTML 4Page - Texas Instruments AM1705DPTP4 Datasheet HTML 5Page - Texas Instruments AM1705DPTP4 Datasheet HTML 6Page - Texas Instruments AM1705DPTP4 Datasheet HTML 7Page - Texas Instruments AM1705DPTP4 Datasheet HTML 8Page - Texas Instruments AM1705DPTP4 Datasheet HTML 9Page - Texas Instruments AM1705DPTP4 Datasheet HTML 10Page - Texas Instruments AM1705DPTP4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 164 page
background image
AM1705
www.ti.com
SPRS657D – FEBRUARY 2010 – REVISED MARCH 2013
Revision History (continued)
SEE
ADDITIONS/MODIFICATIONS/DELETIONS
Section 5.5.1, Power-On Reset (POR):
Section 5.5
•
Updated/Changed "RTCK is maintained active through a POR." to "RTCK/GP7[14] is maintained active
Reset
through a POR."
Section 5.5.2, Warm Reset:
•
Updated/Changed “A warm reset provides …” paragraph
•
Updated/Changed "RTCK is maintained active through a warm reset." to "RTCK/GP7[14] is maintained
active through a warm reset."
Table 5-7, AINTC System Interrupt Assignments:
Section 5.8.1.4
AINTC System
•
Updated/Changed SYSTEM INTERRUPT 27 INTERRUPT NAME from “PROTERR” to
Interrupt
“MPU_BOOTCFG_ERR”
Assignments on the
•
Updated/Changed SYSTEM INTERRUPT 27 SOURCE from “SYSCFG Protection Shared Interrupt” to
device
“Shared MPU and SYSCFG Address/Protection Error Interrupt"
Table 5-8, AINTC Memory Map:
Section 5.8.1.5
AINTC Memory Map •
Deleted "[0]" to 0xFFFE F500 "HIER" REGISTER NAME
Section 5.11
Section 5.11.2, EMIFA Connection Examples:
External Memory
•
Added new Subsection
Interface A (EMIFA)
Section 5.12
Figure 5-17, EMIFB Functional Block Diagram:
External Memory
•
Added MPU2 block to figure
Interface B (EMIFB)
Section 5.12.1, EMIFB SDRAM Loading Limitations:
•
Moved subsection from Interfacing to SDRAM section to under Section 5.12.1, External Memory
Interface B (EMIFB)
•
Updated/Changed “EMIFB supports SDRAM up to 133 MHz …” to “EMIFB supports SDRAM up to 152
MHz …”
Section 5.12.2, EMIFB Supported SDRAM Configurations:
Section 5.12.2
Interfacing to
•
Updated/Changed the table to include 8-bit SDRAM Memory Data Bus Width entries
SDRAM
•
Updated/Changed "Number of Memories" column from "2" to "1" for the 16-Bit data bus width
Table 5-25, EMIFB SDRAM Interface Switching Characteristics:
Section 5.12.4
•
Updated/Changed PARAMETER No. 1, tc(CLK) Cycle time, EMIF clock EMB_CLK MIN value from “7.5”
EMIFB Electrical
to “6.579” ns
Data/Timing
•
Updated/Changed PARAMETER No. 2, tw(CLK) Pulse width, EMIF clock EMB_CLK high or low MIN
value from “3” to “2.63” ns
Section 5.26.1
Section 5.26.1.1, Power Domain States:
Power Domain and
•
Added new subsection
Module Topology
Section 5.29.1, JTAG Peripheral Register Description(s) – JTAG ID Register (DEVIDR0):
Section 5.29
IEEE 1149.1 JTAG
•
Added Silicon Revisions "3.0" and "2.1" to the "0x9B7D F02F for silicon revision 2.0" bullet
Section 6.1.2
Device and
Updated/Changed subsection title from “Device Nomenclature” to “Device and Development-Support Tool
Development-
Nomenclature"
Support Tool
Nomenclature
Figure 6-1, Device Nomenclature:
•
Updated/Changed Silicon Revision to include Revision 3.0
Section 7
•
Deleted “Mechanical Drawings” section
Mechanical
•
Deleted Packaging Materials Information subsection (was Section 7.1 in the previous revision), duplicate
Packaging and
information
Orderable
•
Added Section 7.3, Packaging Information
Information
Copyright © 2010–2013, Texas Instruments Incorporated
Contents
7
Submit Documentation Feedback
Product Folder Links: AM1705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com