| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DBCFDFSB25A3 bảng dữ liệu(PDF) 2 Page - Dubilier |
|
|
|||||||||||||||||||||||||||||
DBCFDFSB25A3 bảng dữ liệu(HTML) 2 Page - Dubilier |
|
2 / 3 page ![]() 271 FILTERED D CONNECTORS SOLDER PIN STRAIGHT SPECIFICATION OUTLINE DRAWING ORDERING INFORMATION 9, 15, 25, or 37 way Turned Pin (Machined) Contact Gold Plated Contacts Metal Housing Current Rating - 5Amps Four standard capacitor values 10ϒ A C B SOCKET 1.2 ±0.2 C B PLUG A 12.93 -0.76 12.93 -0.76 4.5 10ϒ ø3 +0.2 ø0.6 1.4 ±0.2 ø3 +0.2 8.02 -0.25 10.87 -0.25 15.75 -0.76 10.25 6.3 ±0.25 4.5 8.23 +0.25 10.95 +0.25 15.75 -0.76 15.75 -0.76 ø0.6 +0.5 -0.2 10.25 +0.5 -0.2 D 5.5 5.5 DBC FD M SS Dubilier Connectors Series FD = Filtered D Connector Type M = Male(plug) F = Female(socket) Contact Style SS = Solder Straight Nº of Ways 09 = 9ways 15 = 15ways 25 = 25ways 37 = 37ways Capacitor Value A = 144pF - 216pF B = 296pF - 444pF D = 664pF - 996pF E =1040pF-1560pF Quality Class 3 = class 3 2 = class 2 1 = class 1 09 E 3 No. of pos. A -0.76 B -0.25 C 9 31.19 16.46 25.00 15 39.52 24.79 33.30 25 53.42 38.50 47.04 37 69.70 54.96 63.50 50 67.31 52.55 61.10 +0.12 - 0.13 +0.12 - 0.13 +0.14 - 0.11 ±0.13 ±0.13 No. of pos. A -0.76 B +0.25 C D -0.30 9 31.19 16.79 25.00 6.12 15 39.52 25.12 33.30 6.12 25 53.42 38.84 47.04 5.99 37 69.70 55.30 63.50 5.99 50 67.31 52.68 61.10 5.99 +0.12 - 0.13 +0.12 - 0.13 +0.14 - 0.11 ±0.13 ±0.13 Insulators: Polyester GF UL 94 V-0 Contacts: Copper alloy Contact finish: Hard - Gold-plated over nickel, solder area Tin plated Housing: Steel tin plated Working voltage: 100 VDC Insulation Gr. A according to VDE 0110 Dielectric stand. voltage: 424V DC 707V DC Standard High voltage Contact resistance: Max 10mΩ Insulation resistance: ≤ 1GΩ@100 VDC Current rating: 5,0 A (20°C) Voltage surge 10/700 µ: 300V 500V Standard High voltage Mating / Unmating forces: 9-pol. <30 15-pol. < 50 25-pol. < 83 37-pol. < 123 50-pol. < 167 Temperature range working: -25° to + 105°C Humidity: 40° C / 85 % Capacitor values: Typ A, 180 pF Typ B, 370 pF Typ D, 830 pF Quality class: Typ E. 1300 pF Quality class 3= 50 mating cycles Quality class 2= 200 mating cycles Quality class 1= 500 mating cycles www.dubilier.co.uk |