| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADP5589ACPZ-00-R7 bảng dữ liệu(PDF) 24 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP5589ACPZ-00-R7 bảng dữ liệu(HTML) 24 Page - Analog Devices |
|
24 / 52 page ![]() ADP5589 Data Sheet Rev. B | Page 24 of 52 FIFO_1 Register 0x03 Table 10. FIFO_1 Bit Descriptions Bits Name R/W Description 7 Event1_State R The seven lower bits of each FIFO location contain the event identifier, which can be decoded to reveal the event recorded. Table 11 outlines each event number, what it represents, and the I/O pins associated with it. Bit 7 is the Event 1 state. [6:0] EVENT1_IDENTIFIER[6:0] This bit represents the state of the event that is recorded in EVENT1_IDENTIFIER[6:0]. For key events (Event 1 to Event 96). 1 = key is pressed. 0 = key is released. For GPI and logic events (Event 97 to Event 117). 1 = GPI/logic is active. 0 = GPI/logic is inactive. Active and inactive states are programmable. Table 11. Event Decoding Event No. Meaning Event No. Meaning Event No. Meaning Event No. Meaning 0 No event 32 Key 32 (R2, C9) 64 Key 64 (R5, C8) 96 Key 96 (R7, GND) 1 Key 1 (R0, C0) 33 Key 33 (R2, C10) 65 Key 65 (R5, C9) 97 GPI 1 (R0) 2 Key 2 (R0, C1) 34 Key 34 (R3, C0) 66 Key 66 (R5, C10) 98 GPI 2 (R1) 3 Key 3 (R0, C2) 35 Key 35 (R3, C1) 67 Key 67 (R6, C0) 99 GPI 3 (R2) 4 Key 4 (R0, C3) 36 Key 36 (R3, C2) 68 Key 68 (R6, C1) 100 GPI 4 (R3) 5 Key 5 (R0, C4) 37 Key 37 (R3, C3) 69 Key 69 (R6, C2) 101 GPI 5 (R4) 6 Key 6 (R0, C5) 38 Key 38 (R3, C4) 70 Key 70 (R6, C3) 102 GPI 6 (R5) 7 Key 7 (R0, C6) 39 Key 39 (R3, C5) 71 Key 71 (R6, C4) 103 GPI 7 (R6) 8 Key 8 (R0, C7) 40 Key 40 (R3, C6) 72 Key 72 (R6, C5) 104 GPI 8 (R7) 9 Key 9 (R0, C8) 41 Key 41 (R3, C7) 73 Key 73 (R6, C6) 105 GPI 9 (C0) 10 Key 10 (R0, C9) 42 Key 42 (R3, C8) 74 Key 74 (R6, C7) 106 GPI 10 (C1) 11 Key 11 (R0, C10) 43 Key 43 (R3, C9) 75 Key 75 (R6, C8) 107 GPI 11 (C2) 12 Key 12 (R1, C0) 44 Key 44 (R3, C10) 76 Key 76 (R6, C9) 108 GPI 12 (C3) 13 Key 13 (R1, C1) 45 Key 45 (R4, C0) 77 Key 77 (R6, C10) 109 GPI 13 (C4) 14 Key 14 (R1, C2) 46 Key 46 (R4, C1) 78 Key 78 (R7, C0) 110 GPI 14 (C5) 15 Key 15 (R1, C3) 47 Key 47 (R4, C2) 79 Key 79 (R7, C1) 111 GPI 15 (C6) 16 Key 16 (R1, C4) 48 Key 48 (R4, C3) 80 Key 80 (R7, C2) 112 GPI 16 (C7) 17 Key 17 (R1, C5) 49 Key 49 (R4, C4) 81 Key 81 (R7, C3) 113 GPI 17 (C8) 18 Key 18 (R1, C6) 50 Key 50 (R4, C5) 82 Key 82 (R7, C4) 114 GPI 18 (C9) 19 Key 19 (R1, C7) 51 Key 51 (R4, C6) 83 Key 83 (R7, C5) 115 GPI 19 (C10) 20 Key 20 (R1, C8) 52 Key 52 (R4, C7) 84 Key 84 (R7, C6) 116 Logic 1 21 Key 21 (R1, C9) 53 Key 53 (R4, C8) 85 Key 85 (R7, C7) 117 Logic 2 22 Key 22 (R1, C10) 54 Key 54 (R4, C9) 86 Key 86 (R7, C8) 118 Unused 23 Key 23 (R2, C0) 55 Key 55 (R4, C10) 87 Key 87 (R7, C9) 119 Unused 24 Key 24 (R2, C1) 56 Key 56 (R5, C0) 88 Key 88 (R7, C10) 120 Unused 25 Key 25 (R2, C2) 57 Key 57 (R5, C1) 89 Key 89 (R0, GND) 121 Unused 26 Key 26 (R2, C3) 58 Key 58 (R5, C2) 90 Key 90 (R1, GND) 122 Unused 27 Key 27 (R2, C4) 59 Key 59 (R5, C3) 91 Key 91 (R2, GND) 123 Unused 28 Key 28 (R2, C5) 60 Key 60 (R5, C4) 92 Key 92 (R3, GND) 124 Unused 29 Key 29 (R2, C6) 61 Key 61 (R5, C5) 93 Key 93 (R4, GND) 125 Unused 30 Key 30 (R2, C7) 62 Key 62 (R5, C6) 94 Key 94 (R5, GND) 126 Unused 31 Key 31 (R2, C8) 63 Key 63 (R5, C7) 95 Key 95 (R6, GND) 127 Wildcard for unlock |