| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8247VR bảng dữ liệu(PDF) 44 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8247VR bảng dữ liệu(HTML) 44 Page - Freescale Semiconductor, Inc |
|
44 / 61 page ![]() MPC8272 PowerQUICC II Family Hardware Specifications, Rev. 3 44 Freescale Semiconductor Pinout This figure shows the pinout of the 516 PBGA package as viewed from the top surface. Figure 12. Pinout of the 516 PBGA Package (View from Top) This table lists the pins of the MPC8272. Note that the pins in the “MPC8272/8271 Only” column relate to Utopia functionality. Table 21. Pinout Pin Name Ball MPC8272/MPC8248 and MPC8271/MPC8247 MPC8272/MPC8271 Only BR A19 BG/IRQ6 D2 ABB/IRQ2 C1 1 234 5 6789 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 Not to Scale 1 234 5 6789 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 A B C D E F G H J K L M N P R T U V W Y AA AB AC AD AE AF A B C D E F G H J K L M N P R T U V W Y AA AB AC AD AE AF |