công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD9979BCPZ bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện AD9979BCPZ
Giải thích chi tiết về linh kiện  14-Bit, CCD Signal Processor with Precision Timing Core
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD9979BCPZ bảng dữ liệu(HTML) 1 Page - Analog Devices

  AD9979BCPZ Datasheet HTML 1Page - Analog Devices AD9979BCPZ Datasheet HTML 2Page - Analog Devices AD9979BCPZ Datasheet HTML 3Page - Analog Devices AD9979BCPZ Datasheet HTML 4Page - Analog Devices AD9979BCPZ Datasheet HTML 5Page - Analog Devices AD9979BCPZ Datasheet HTML 6Page - Analog Devices AD9979BCPZ Datasheet HTML 7Page - Analog Devices AD9979BCPZ Datasheet HTML 8Page - Analog Devices AD9979BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
14-Bit, CCD Signal Processor with
Precision Timing Core
AD9979
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007–2009 Analog Devices, Inc. All rights reserved.
FEATURES
1.8 V analog and digital core supply voltage
Correlated double sampler (CDS) with –3 dB, 0 dB, +3 dB, and
+6 dB gain
6 dB to 42 dB 10-bit variable gain amplifier (VGA)
14-bit 65 MHz analog-to-digital converter
Black-level clamp with variable level control
Complete on-chip timing generator
Precision Timing™ core with 240 ps resolution @ 65 MHz
On-chip 3 V horizontal and RG drivers
General-purpose outputs (GPOs) for shutter and system
support
7 mm × 7 mm, 48-lead LFCSP
Internal LDO regulator circuitry
APPLICATIONS
Professional HDTV camcorders
Professional/high end digital cameras
Broadcast cameras
Industrial high speed cameras
GENERAL DESCRIPTION
The AD9979 is a highly integrated CCD signal processor for
high speed digital video camera applications. Specified at pixel
rates of up to 65 MHz, the AD9979 consists of a complete
analog front end with analog-to-digital conversion, combined
with a programmable timing driver. The Precision Timing core
allows adjustment of high speed clocks with approximately
240 ps resolution at 65 MHz operation.
The analog front end includes black-level clamping, CDS, VGA,
and a 65 MSPS, 14-bit analog-to-digital converter (ADC). The
timing driver provides the high speed CCD clock drivers for RG,
HL, and H1 to H4. Operation is programmed using a 3-wire
serial interface.
Available in a space-saving, 7 mm × 7 mm, 48-lead LFCSP,
the AD9979 is specified over an operating temperature range of
−25°C to +85°C.
FUNCTIONAL BLOCK DIAGRAM
AD9979
SYNC
GENERATOR
PRECISION
TIMING
CORE
INTERNAL CLOCKS
HORIZONTAL
DRIVERS
HL
RG
H1 TO H4
4
HD
GPO1 GPO2
VD
INTERNAL
REGISTERS
SL
SCK
SDI
CLI
CLAMP
D0 TO D13
DOUT
CCDINP
6dB TO 42dB
VGA
ADC
CDS
14
REFT
REFB
VREF
–3dB, 0dB, +3dB, +6dB
LDOOUT
LDO
CCDINM
Figure 1.


Số phần tương tự - AD9979BCPZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD9979BCPZ AD-AD9979BCPZ Datasheet
589Kb / 56P
14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
More results

Mô tả tương tự - AD9979BCPZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD9942 AD-AD9942 Datasheet
653Kb / 36P
Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing??Core
8/06-Rev. 0 to Rev. A
AD9979 AD-AD9979 Datasheet
62Kb / 2P
14-Bit, CCD Signal Processor with Precision Timing Core
AD9974 AD-AD9974 Datasheet
73Kb / 2P
Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing??Core
AD9973 AD-AD9973 Datasheet
68Kb / 2P
Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing??Core
Rev. SpA
AD9978 AD-AD9978 Datasheet
71Kb / 2P
Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing Core
AD9979BCPZ AD-AD9979BCPZ Datasheet
589Kb / 56P
14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
AD9974BBCZ AD-AD9974BBCZ Datasheet
902Kb / 52P
Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing Core
REV. A
AD9972BBCZ AD-AD9972BBCZ Datasheet
71Kb / 2P
Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing Core
Rev. SpA
AD9942 AD-AD9942_15 Datasheet
654Kb / 36P
Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing Core
REV. A
AD9979 AD-AD9979_15 Datasheet
589Kb / 56P
14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com