| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9974BBCZRL bảng dữ liệu(PDF) 47 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9974BBCZRL bảng dữ liệu(HTML) 47 Page - Analog Devices |
|
47 / 52 page ![]() AD9974 Rev. A | Page 47 of 52 Table 29. Update Control Registers Address Data Bit Content Default Value Update Name Description 0x60 [15:0] 1803 SCK AFE_UPDT_SCK Enable SCK update of AFE registers. Each bit corresponds to one address location. AFE_UPDT_SCK[0] = 1, update Address 0x00 on SL rising edge. AFE_UPDT_SCK[1] = 1, update Address 0x01 on SL rising edge. … AFE_UPDT_SCK[15] = 1, update Address 0x0F on SL rising edge. [27:16] Unused Set unused register = 0 if accessed. 0x61 [15:0] E7FC SCK AFE_UPDT_VD Enable VD update of AFE registers. Each bit corresponds to one address location. AFE_UPDT_VD[0] = 1, update Address 0x00 on VD rising edge. AFE_UPDT_VD[1] = 1, update Address 0x01 on VD rising edge. … AFE_UPDT_VD[15] = 1, update Address 0x0F on VD rising edge. [27:16] Unused Set unused register to 0 if accessed. 0x62 [15:0] F8FD SCK MISC_UPDT_SCK Enable SCK update of miscellaneous registers. Address 0x10 to Address 0x1F. [27:16] Unused Set unused register to 0 if accessed. 0x63 [15:0] 0702 SCK MISC_UPDT_VD Enable VD update of miscellaneous registers, Address 0x10 to Address 0x1F. [27:16] Unused Set unused register to 0 if accessed. 0x64 [15:0] FFF9 SCK VDHD_UPDT_SCK Enable SCK update of VDHD Registers, Address 0x20 to Address 0x22. [27:16] Unused Set unused register to 0 if accessed. 0x65 [15:0] 0006 SCK VDHD_UPDT_VD Enable VD update of VDHD registers, Address 0x20 to Address 0x22. [27:16] Unused Set unused register to 0 if accessed. 0x66 [15:0] FFFF SCK TGCORE_UPDT_SCK Enable SCK update of timing core registers, Address 0x30 to Address 0x37. [27:16] Unused Set unused register to 0 if accessed. 0x67 [15:0] 0000 SCK TGCORE_UPDT_VD Enable VD update of timing core registers, Address 0x30 to Address 0x37. [27:16] Unused Set unused register to 0 if accessed. 0x68 to 0x72 [27:0] SCK Unused Set unused register to 0 if accessed. Table 30. HPAT Registers (HPAT Registers Always Start at Address 0x800) Address Data Bit Content Default Value Update Name Description 0x00 [12:0] X SCP HBLKTOGO1 First HBLK Toggle Position for Odd Lines, or RA0H1REPA/B/C. [25:13] X HBLKTOGO2 Second HBLK Toggle Position for Odd Lines, or RA1H1REPA/B/C. [27:26] X Unused Set unused bits to 0. 0x01 [12:0] X SCP HBLKTOGO3 Third HBLK Toggle Position for Odd Lines, or RA2H1REPA/B/C. [25:13] X HBLKTOGO4 Fourth HBLK Toggle Position for Odd Lines, or RA3H1REPA/B/C. [27:26] X Unused Set unused bits to 0. 0x02 [12:0] X SCP HBLKTOGO5 Fifth HBLK Toggle Position for Odd Lines, or RA4H1REPA/B/C. [25:13] X HBLKTOGO6 Sixth HBLK Toggle Position for Odd Lines, or RA5H1REPA/B/C. [27:26] X Unused Set unused bits to 0. 0x03 [12:0] X SCP HBLKTOGE1 First HBLK Toggle Position for Even Lines, or RA0H2REPA/B/C. [25:13] X HBLKTOGE2 Second HBLK Toggle Position for Even Lines, or RA1H2REPA/B/C. [27:26] X Unused Set unused bits to 0. 0x04 [12:0] X SCP HBLKTOGE3 Third HBLK Toggle Position for Even Lines, or RA2H2REPA/B/C. [25:13] X HBLKTOGE4 Fourth HBLK Toggle Position for Even Lines, or RA3H2REPA/B/C. [27:26] X Unused Set unused bits to 0. |