công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD5560JSVUZ bảng dữ liệu(PDF) 50 Page - Analog Devices

tên linh kiện AD5560JSVUZ
Giải thích chi tiết về linh kiện  1.2 A Programmable Device Power Supply
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD5560JSVUZ bảng dữ liệu(HTML) 50 Page - Analog Devices

Back Button AD5560JSVUZ Datasheet HTML 46Page - Analog Devices AD5560JSVUZ Datasheet HTML 47Page - Analog Devices AD5560JSVUZ Datasheet HTML 48Page - Analog Devices AD5560JSVUZ Datasheet HTML 49Page - Analog Devices AD5560JSVUZ Datasheet HTML 50Page - Analog Devices AD5560JSVUZ Datasheet HTML 51Page - Analog Devices AD5560JSVUZ Datasheet HTML 52Page - Analog Devices AD5560JSVUZ Datasheet HTML 53Page - Analog Devices AD5560JSVUZ Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 68 page
background image
AD5560
Data Sheet
Rev. D | Page 50 of 68
Table 21. Compensation Register 2
Address
Default
Data Bits, MSB First
0x5
0x0110
Bit
Name
Function
15
Manual
compensation
The AD5560 can be manually configured to compensate the force amplifier into a wide range of load
conditions. When this bit is high, manual compensation mode is active, and it overrides the settings of
Compensation Register 1. Readback when in manual compensation mode returns the compensation
settings loaded to the force amplifier and loaded to this register. Similarly, when in autocompensation
mode, readback of this register address returns the compensation settings of the force amplifier. However,
readback of this register address when in safe mode does not reflect SAFEMODE settings. SAFEMODE
settings are gm[1:0] = 2, RP[2:0] = 0, RZ[2:0] = 0, CC[3:1] = 111, CF[2:0] = 5, and CC0 = 1.
14
13
12
RZ[2:0]
Set the value of RZ to add a zero at the following frequencies. This calculation assumes that CC0 = 100 pF.
RZ
RZx(Ω)
FZ (Hz)
01
500
3.2 M
1
1.6 k
1 M
2
5 k
320 k
3
16 k
100 k
4
50 k
32 k
5
160 k
10 k
6
500 k
3.2 k
7
1.6 M
1 k
11
10
9
RP[2:0]
Set the value of RP to add an additional pole. There is an internal 8 pF capacitor to provide an RC filter,
creating a pole at one of the following frequencies.
RP[2:0]
RP (Ω)
FP (Hz)
01
200
100 M
1
675
29 M
2
2280
8.7 M
3
7700
2.6 M
4
26 k
760 k
5
88 k
220 k
6
296 k
67 k
7
1 M
20 k
8
7
gm[1:0]
Set the transconductance of the force amplifiers input stage. The gain bandwidth (GBW) of the force
voltage loop is equal to gmx/CC0. The following values assume CC0 = 100 pF.
gmx
gmx (µA/V)
GBW (Hz)
0
40
64 k
1
80
130 k
21
300
480 k (default)
3
900
1.3 M
6
5
4
CF[2:0]
These bits determine which feedforward capacitor CFx is switched in.
CFx
Action
0
None
1
CF0
2
CF1
3
CF2
4
CF3
51
CF4
6
None
7
None
3
CC3
Connect CC3 in series with 100 kΩ1
2
CC2
Connect CC2 in series with 25 kΩ1
1
CC1
Connect CC1 in series with 6 kΩ1
0
Reserved
0
1 This item corresponds to a SAFEMODE setting (SAFEMODE is the power-on default setting).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com