| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74LVC1G06DBVT bảng dữ liệu(PDF) 4 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN74LVC1G06DBVT bảng dữ liệu(HTML) 4 Page - Texas Instruments |
|
4 / 24 page ![]() SN74LVC1G06 SCES295V – JUNE 2000 – REVISED NOVEMBER 2012 www.ti.com Electrical Characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS VCC MIN TYP(1) MAX UNIT IOL = 100 μA 1.65 V to 5.5 V 0.1 IOL = 4 mA 1.65 V 0.45 IOL = 8 mA 2.3 V 0.3 VOL V IOL = 16 mA 0.4 3 V IOL = 24 mA 0.55 IOL = 32 mA 4.5 V 0.55 II A input VI = 5.5 V or GND 0 to 5.5 V ±1 μA Ioff VI or VO = 5.5 V 0 ±10 μA ICC VI = 5.5 V or GND, IO = 0 1.65 V to 5.5 V 10 μA ΔICC One input at VCC – 0.6 V, Other inputs at VCC or GND 3 V to 5.5 V 500 μA Ci VI = VCC or GND 3.3 V 4 pF Co VO = VCC or GND 3.3 V 5 pF (1) All typical values are at VCC = 3.3 V, TA = 25°C. Switching Characteristics over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1) VCC = 1.8 V VCC = 2.5 V VCC = 3.3 V VCC = 5 V FROM TO ± 0.15 V ± 0.2 V ± 0.3 V ± 0.5 V PARAMETER UNIT (INPUT) (OUTPUT) MIN MAX MIN MAX MIN MAX MIN MAX tpd A Y 2.2 6.5 1.1 4 1.2 4 1 3 ns Operating Characteristics TA = 25°C VCC = 1.8 V VCC = 2.5 V VCC = 3.3 V VCC = 5 V PARAMETER TEST CONDITIONS UNIT TYP TYP TYP TYP Cpd Power dissipation capacitance f = 10 MHz 3 3 4 6 pF 4 Submit Documentation Feedback Copyright © 2000–2012, Texas Instruments Incorporated Product Folder Links: SN74LVC1G06 |