công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PC3SF11YTZ bảng dữ liệu(PDF) 8 Page - Sharp Corporation

tên linh kiện PC3SF11YTZ
Giải thích chi tiết về linh kiện  Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SHARP [Sharp Corporation]
Trang chủ  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC3SF11YTZ bảng dữ liệu(HTML) 8 Page - Sharp Corporation

Back Button PC3SF11YTZ Datasheet HTML 4Page - Sharp Corporation PC3SF11YTZ Datasheet HTML 5Page - Sharp Corporation PC3SF11YTZ Datasheet HTML 6Page - Sharp Corporation PC3SF11YTZ Datasheet HTML 7Page - Sharp Corporation PC3SF11YTZ Datasheet HTML 8Page - Sharp Corporation PC3SF11YTZ Datasheet HTML 9Page - Sharp Corporation PC3SF11YTZ Datasheet HTML 10Page - Sharp Corporation PC3SF11YTZ Datasheet HTML 11Page - Sharp Corporation PC3SF11YTZ Datasheet HTML 12Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
● Recommended Foot Print (reference)
8
SMT Gullwing Lead-form
Wide SMT Gullwing Lead-form
2.2
10.2
2.2
8.2
(Unit : mm)
PC3SF11YVZ Series
■ Design Considerations
In order for the Phototriac to turn off, the triggering current (IF) must be 0.1mA or less.
Please refrain from using these devices in a direct drive configuration.
These Phototriac Coupler are intended to be used as triggering device for main Triacs.
Please ensure that the output rating of these devices will be sufficient for triggering the main output Triac of
your choice. Failure to do may result in malfunctions.
In phase control applications or where the Phototriac Coupler is being by a pulse signal, please ensure that
the pulse width is a minimum of 1ms.
For designs that will experience excessive noise or sudden changes in load voltage, please include an
appropriate snubber circuit as shown in the below circuit.
Please keep in mind that Sharp Phototriac Couplers incorporate superor dV/dt ratings which can often
eliminate the need for a snubber circuit.
● Degradation
In general, the emission of the IRED used in Phototriac Couplers will degrade over time.
In the case where long term operation and / or constant extreme temperature fluctuations will be applied to
the devices, please allow for a worst case scenario of 50% degradation over 5years.
Therefore in order to maintain proper operation, a design implementing these Phototriac Couplers should
provide at least twice the minimum required triggering current from initial operation.
● Design guide
Sheet No.: D2-A08001EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com