| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AME8802LEEVZ bảng dữ liệu(PDF) 5 Page - Analog Microelectronics |
|
|
|||||||||||||||||||||||||||||
AME8802LEEVZ bảng dữ liệu(HTML) 5 Page - Analog Microelectronics |
|
5 / 16 page ![]() AME 5 AME8802 300mA CMOS LDO Rev.K.02 n Ordering Information Part Number Marking* Output Voltage Package Operating Ambient Temperature Range AME8802MEEV AJNww 1.8V SOT-25 - 40 oC to +85oC AME8802MEEVL AJNww 1.8V TSOT-25 - 40 oC to +85oC AME8802MEEVY AJNww 1.8V TSOT-25 - 40 oC to +85oC AME8802MEEVZ AJNww 1.8V SOT-25 - 40 oC to +85oC AME8802NEEV AKQww 2.9V SOT-25 - 40 oC to +85oC AME8802NEEVL AKQww 2.9V TSOT-25 - 40 oC to +85oC AME8802NEEVY AKQww 2.9V TSOT-25 - 40 oC to +85oC AME8802NEEVZ AKQww 2.9V SOT-25 - 40 oC to +85oC AME8802OEEV AKRww 3.1V SOT-25 - 40 oC to +85oC AME8802OEEVL AKRww 3.1V TSOT-25 - 40 oC to +85oC AME8802OEEVY AKRww 3.1V TSOT-25 - 40 oC to +85oC AME8802OEEVZ AKRww 3.1V SOT-25 - 40 oC to +85oC AME8802SEEV AQYww 5.0V SOT-25 - 40 oC to +85oC AME8802SEEVL AQYww 5.0V TSOT-25 - 40 oC to +85oC AME8802SEEVY AQYww 5.0V TSOT-25 - 40 oC to +85oC AME8802SEEVZ AQYww 5.0V SOT-25 - 40 oC to +85oC AME8802UEEV ASDww 3.2V SOT-25 - 40 oC to +85oC AME8802UEEVL ASDww 3.2V TSOT-25 - 40 oC to +85oC AME8802UEEVY ASDww 3.2V TSOT-25 - 40 oC to +85oC AME8802UEEVZ ASDww 3.2V SOT-25 - 40 oC to +85oC |