công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC0804LCWMX/NOPB bảng dữ liệu(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADC0804LCWMX/NOPB
Giải thích chi tiết về linh kiện  8-Bit muP Compatible A/D Converters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADC0804LCWMX/NOPB bảng dữ liệu(HTML) 36 Page - Texas Instruments

Back Button ADC0804LCWMX/NOPB Datasheet HTML 32Page - Texas Instruments ADC0804LCWMX/NOPB Datasheet HTML 33Page - Texas Instruments ADC0804LCWMX/NOPB Datasheet HTML 34Page - Texas Instruments ADC0804LCWMX/NOPB Datasheet HTML 35Page - Texas Instruments ADC0804LCWMX/NOPB Datasheet HTML 36Page - Texas Instruments ADC0804LCWMX/NOPB Datasheet HTML 37Page - Texas Instruments ADC0804LCWMX/NOPB Datasheet HTML 38Page - Texas Instruments ADC0804LCWMX/NOPB Datasheet HTML 39Page - Texas Instruments ADC0804LCWMX/NOPB Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
ADC0801, ADC0802
ADC0803, ADC0804, ADC0805
SNOSBI1B – NOVEMBER 2009 – REVISED FEBRUARY 2013
www.ti.com
SAMPLE PROGRAM FOR Figure 61 INTERFACING MULTIPLE A/D’s IN AN MC6800 SYSTEM
SAMPLE PROGRAM FOR Figure 61 INTERFACING MULTIPLE A/D’s IN AN MC6800 SYSTEM
Note: In order for the microprocessor to service subroutines and interrupts, the stack pointer must be
dimensioned in the user’s program.
For amplification of DC input signals, a major system error is the input offset voltage of the amplifiers used for
the preamp. Figure 62 is a gain of 100 differential preamp whose offset voltage errors will be cancelled by a
zeroing subroutine which is performed by the INS8080A microprocessor system. The total allowable input offset
voltage error for this preamp is only 50 µV for /
⁄4 LSB error. This would obviously require very precise amplifiers.
The expression for the differential output voltage of the preamp is:
36
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: ADC0801, ADC0802 ADC0803, ADC0804, ADC0805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48