công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC0804LCJ bảng dữ liệu(PDF) 15 Page - Texas Instruments

tên linh kiện ADC0804LCJ
Giải thích chi tiết về linh kiện  8-Bit muP Compatible A/D Converters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADC0804LCJ bảng dữ liệu(HTML) 15 Page - Texas Instruments

Back Button ADC0804LCJ Datasheet HTML 11Page - Texas Instruments ADC0804LCJ Datasheet HTML 12Page - Texas Instruments ADC0804LCJ Datasheet HTML 13Page - Texas Instruments ADC0804LCJ Datasheet HTML 14Page - Texas Instruments ADC0804LCJ Datasheet HTML 15Page - Texas Instruments ADC0804LCJ Datasheet HTML 16Page - Texas Instruments ADC0804LCJ Datasheet HTML 17Page - Texas Instruments ADC0804LCJ Datasheet HTML 18Page - Texas Instruments ADC0804LCJ Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
ADC0801, ADC0802
ADC0803, ADC0804, ADC0805
www.ti.com
SNOSBI1B – NOVEMBER 2009 – REVISED FEBRUARY 2013
TYPICAL APPLICATIONS (continued)
fC=20 Hz
Uses Chebyshev implementation for steeper roll-off unity-gain, 2nd order, low-pass filter
Adding a separate filter for each channel increases system response time if an analog multiplexer is used
Figure 37. 3-Decade Logarithmic A/D Converter
*A/D output data is updated 1 CLK period prior to assertion of INTR
Figure 38. Noise Filtering the Analog Input
Figure 39. Output Buffers with A/D Data Enabled
*Allows output data to set-up at falling edge of CS
Figure 40. Multiplexing Differential Inputs
Figure 41. Increasing Bus Drive and/or
Reducing Time on Bus
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: ADC0801, ADC0802 ADC0803, ADC0804, ADC0805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48