công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS1605IPAPRG4 bảng dữ liệu(PDF) 22 Page - Texas Instruments

tên linh kiện ADS1605IPAPRG4
Giải thích chi tiết về linh kiện  16-Bit, 5MSPS Analog-to-Digital Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADS1605IPAPRG4 bảng dữ liệu(HTML) 22 Page - Texas Instruments

Back Button ADS1605IPAPRG4 Datasheet HTML 18Page - Texas Instruments ADS1605IPAPRG4 Datasheet HTML 19Page - Texas Instruments ADS1605IPAPRG4 Datasheet HTML 20Page - Texas Instruments ADS1605IPAPRG4 Datasheet HTML 21Page - Texas Instruments ADS1605IPAPRG4 Datasheet HTML 22Page - Texas Instruments ADS1605IPAPRG4 Datasheet HTML 23Page - Texas Instruments ADS1605IPAPRG4 Datasheet HTML 24Page - Texas Instruments ADS1605IPAPRG4 Datasheet HTML 25Page - Texas Instruments ADS1605IPAPRG4 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
ADS1605
ADS1606
SBAS274H − MARCH 2003 − REVISED MAY 2007
www.ti.com
22
SETTLING TIME
The settling time is an important consideration when
measuring signals with large steps or when using a mul-
tiplexer in front of the analog inputs. The ADS1605/6
digital filter requires time for an instantaneous change
in signal level to propagate to the output.
Be sure to allow the filter time to settle after applying a
large step in the input signal, switching the channel on
a multiplexer placed in front of the inputs, resetting the
ADS1605/6, or exiting the power-down mode,
Figure 17 shows the settling error as a function of time
for a full-scale signal step applied at t = 0 with
2XMODE = low. This figure uses DRDY cycles (for the
ADS1605 or the ADS1606 with FIFO disabled) for the
time scale (X-axis). After 47 DRDY cycles, the settling
error drops below 0.001%. For fCLK = 40MHz, this cor-
responds to a settling time of 9.4
µs.
101
100
10−1
10−2
10−3
10−4
25
30
35
40
45
Settling Time (DRDY cycles)
50
Figure 17. Settling Time
IMPULSE RESPONSE
Figure 18 plots the normalized response for an input
applied at t = 0 with 2XMODE = low. The X-axis units of
time are DRDY cycles (for the ADS1605 or the ADS1606
with FIFO disabled)
. As shown in Figure 18, the peak of
the impulse takes 26 DRDY cycles to propagate to the
output. For fCLK = 40MHz, a DRDY cycle is 0.2µs in
duration and the propagation time (or group delay) is 26
× 0.2µs = 5.2µs.
1.0
0.8
0.6
0.4
0.2
0
−0.2
−0.4
0
5
10
15
20
25
30
35
40
45
Time (DRDY cycles)
50
Figure 18. Impulse Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com