| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADS1605IPAPR bảng dữ liệu(PDF) 28 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
ADS1605IPAPR bảng dữ liệu(HTML) 28 Page - Texas Instruments |
|
28 / 38 page ![]() ADS1605 ADS1606 SBAS274H − MARCH 2003 − REVISED MAY 2007 www.ti.com 28 APPLICATIONS INFORMATION INTERFACING THE ADS1605 TO THE TMS320C6000 Figure 28 illustrates how to directly connect the ADS1605 to the TMS320C6000 DSP. The processor controls reading using output ARE. The ADS1605 is se- lected using the DSP control output, CE2. The ADS1605 16-bit data output bus is directly connected to the TMS320C6000 data bus. The data ready output from the ADS1605, DRDY, drives interrupt EXT_INT7 on the TMS320C6000. DOUT[15:0] ADS1605 DRDY CS 16 RD XD[15:0] TMS320C6000 EXT_INT7 CE2 ARE Figure 28. ADS1605—TMS320C6000 Interface Connection INTERFACING THE ADS1606 TO THE TMS320C6000 Figure 29 illustrates how to directly connect the ADS1606 to the TMS320C6000 DSP. The processor controls reading using output ARE. The ADS1606 is permanently selected by grounding the CS pin. The ADS1606 16-bit data output bus is directly connected to the TMS320C6000 data bus. The data ready output from the ADS1606, DRDY, drives interrupt EXT_INT7 on the TMS320C6000. DOUT[15:0] ADS1606 DRDY CS 16 RD XD[15:0] TMS320C6000 EXT_INT7 ARE Figure 29. ADS1606—TMS320C6000 Interface Connection |