| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADC0804LCN bảng dữ liệu(PDF) 6 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ADC0804LCN bảng dữ liệu(HTML) 6 Page - Texas Instruments |
|
6 / 48 page ![]() ADC0801, ADC0802 ADC0803, ADC0804, ADC0805 SNOSBI1B – NOVEMBER 2009 – REVISED FEBRUARY 2013 www.ti.com TYPICAL CHARACTERISTICS (continued) spacer Output Current Power Supply Current vs Temperature Temperature(1) Figure 7. Figure 8. Linearity Error at Low VREF/2 Voltages Figure 9. (1) The VREF/2 pin is the center point of a two-resistor divider connected from VCC to ground. In all versions of the ADC0801, ADC0802, ADC0803, and ADC0805, and in the ADC0804LCJ, each resistor is typically 16 k Ω. In all versions of the ADC0804 except the ADC0804LCJ, each resistor is typically 2.2 k Ω. 6 Submit Documentation Feedback Copyright © 2009–2013, Texas Instruments Incorporated Product Folder Links: ADC0801, ADC0802 ADC0803, ADC0804, ADC0805 |