| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM26LS32DMB bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM26LS32DMB bảng dữ liệu(HTML) 2 Page - Texas Instruments |
|
2 / 11 page ![]() DS26LS32MQML SNOSAM6B – OCTOBER 2005 – REVISED APRIL 2013 www.ti.com Connection Diagram Top View Figure 1. CDIP Package See Package Numbers NFE0016A, NAD0016A Top View Figure 2. 20-Lead LCCC Package See Package Number NAJ0020A Truth Table (1) ENABLE ENABLE Input Output 0 1 X Hi-Z VID ≥ VTH (Max) 1 See Note Below VID ≤ VTH (Min) 0 (1) Hi-Z = TRI-STATE Note: Input conditions may be any combination not defined for ENABLE and ENABLE . These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. 2 Submit Documentation Feedback Copyright © 2005–2013, Texas Instruments Incorporated Product Folder Links: DS26LS32MQML |