| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LMV331M7X bảng dữ liệu(PDF) 20 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LMV331M7X bảng dữ liệu(HTML) 20 Page - Texas Instruments |
|
20 / 32 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 7-Oct-2013 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LMV331M5 ACTIVE SOT-23 DBV 5 1000 TBD Call TI Call TI -40 to 85 C12 LMV331M5/NOPB ACTIVE SOT-23 DBV 5 1000 Green (RoHS & no Sb/Br) CU CU Level-1-260C-UNLIM -40 to 85 C12 LMV331M5X ACTIVE SOT-23 DBV 5 3000 TBD Call TI Call TI -40 to 85 C12 LMV331M5X/NOPB ACTIVE SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) CU CU Level-1-260C-UNLIM -40 to 85 C12 LMV331M7 ACTIVE SC70 DCK 5 1000 TBD Call TI Call TI -40 to 85 C13 LMV331M7/NOPB ACTIVE SC70 DCK 5 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 C13 LMV331M7X ACTIVE SC70 DCK 5 3000 TBD Call TI Call TI -40 to 85 C13 LMV331M7X/NOPB ACTIVE SC70 DCK 5 3000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 C13 LMV339M ACTIVE SOIC D 14 55 TBD Call TI Call TI -40 to 85 LMV339M LMV339M/NOPB ACTIVE SOIC D 14 55 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 LMV339M LMV339MT ACTIVE TSSOP PW 14 94 TBD Call TI Call TI -40 to 85 LMV339 MT LMV339MT/NOPB ACTIVE TSSOP PW 14 94 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 LMV339 MT LMV339MTX ACTIVE TSSOP PW 14 2500 TBD Call TI Call TI -40 to 85 LMV339 MT LMV339MTX/NOPB ACTIVE TSSOP PW 14 2500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 LMV339 MT LMV339MX/NOPB ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 LMV339M LMV393M ACTIVE SOIC D 8 95 TBD Call TI Call TI -40 to 85 LMV 393M LMV393M/NOPB ACTIVE SOIC D 8 95 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 LMV 393M LMV393MM ACTIVE VSSOP DGK 8 1000 TBD Call TI Call TI -40 to 85 V393 |