| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9920ABBCZ bảng dữ liệu(PDF) 106 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9920ABBCZ bảng dữ liệu(HTML) 106 Page - Analog Devices |
|
106 / 112 page ![]() AD9920A Rev. B | Page 106 of 112 Address Data Bits Default Value Update Name Description 0xDE [27:0] 0 SCK Test Test use only. Set to 0. 0xDF [27:0] 0 SCK Test Test use only. Set to 0. Table 62. V-Pattern Group (VPAT) Register Map (Default Values Are Undefined) Address Data Bits Default Value Update Type Name Description 0x00 [12:0] X SCP XV1TOG1 XV1 Toggle Position 1. [25:13] X XV1TOG2 XV1 Toggle Position 2. 0x01 [12:0] X SCP XV1TOG3 XV1 Toggle Position 3. [25:13] X XV1TOG4 XV1 Toggle Position 4. 0x02 [12:0] X SCP XV2TOG1 XV2 Toggle Position 1. [25:13] X XV2TOG2 XV2 Toggle Position 2. 0x03 [12:0] X SCP XV2TOG3 XV2 Toggle Position 3. [25:13] X XV2TOG4 XV2 Toggle Position 4. 0x04 [12:0] X SCP XV3TOG1 XV3 Toggle Position 1. [25:13] X XV3TOG2 XV3 Toggle Position 2. 0x05 [12:0] X SCP XV3TOG3 XV3 Toggle Position 3. [25:13] X XV3TOG4 XV3 Toggle Position 4. 0x06 [12:0] X SCP XV4TOG1 XV4 Toggle Position 1. [25:13] X XV4TOG2 XV4 Toggle Position 2. 0x07 [12:0] X SCP XV4TOG3 XV4 Toggle Position 3. [25:13] X XV4TOG4 XV4 Toggle Position 4. 0x08 [12:0] X SCP XV5TOG1 XV5 Toggle Position 1. [25:13] X XV5TOG2 XV5 Toggle Position 2. 0x09 [12:0] X SCP XV5TOG3 XV5 Toggle Position 3. [25:13] X XV5TOG4 XV5 Toggle Position 4. 0x0A [12:0] X SCP XV6TOG1 XV6 Toggle Position 1. [25:13] X XV6TOG2 XV6 Toggle Position 2. 0x0B [12:0] X SCP XV6TOG3 XV6 Toggle Position 3. [25:13] X XV6TOG4 XV6 Toggle Position 4. 0x0C [12:0] X SCP XV7TOG1 XV7 Toggle Position 1. [25:13] X XV7TOG2 XV7 Toggle Position 2. 0x0D [12:0] X SCP XV7TOG3 XV7 Toggle Position 3. [25:13] X XV7TOG4 XV7 Toggle Position 4. 0x0E [12:0] X SCP XV8TOG1 XV8 Toggle Position 1. [25:13] X XV8TOG2 XV8 Toggle Position 2. 0x0F [12:0] X SCP XV8TOG3 XV8 Toggle Position 3. [25:13] X XV8TOG4 XV8 Toggle Position 4. 0x10 [12:0] X SCP XV9TOG1 XV9 Toggle Position 1. [25:13] X XV9TOG2 XV9 Toggle Position 2. 0x11 [12:0] X SCP XV9TOG3 XV9 Toggle Position 3. [25:13] X XV9TOG4 XV9 Toggle Position 4. 0x12 [12:0] X SCP XV10TOG1 XV10 Toggle Position 1. [25:13] X XV10TOG2 XV10 Toggle Position 2. 0x13 [12:0] X SCP XV10TOG3 XV10 Toggle Position 3. [25:13] X XV10TOG4 XV10 Toggle Position 4. 0x14 [12:0] X SCP XV11TOG1 XV11 Toggle Position 1. [25:13] X XV11TOG2 XV11 Toggle Position 2. 0x15 [12:0] X SCP XV11TOG3 XV11 Toggle Position 3. [25:13] X XV11TOG4 XV11 Toggle Position 4. 0x16 [12:0] X SCP XV12TOG1 XV12 Toggle Position 1. [25:13] X XV12TOG2 XV12 Toggle Position 2. |