| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9920ABBCZ bảng dữ liệu(PDF) 50 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9920ABBCZ bảng dữ liệu(HTML) 50 Page - Analog Devices |
|
50 / 112 page ![]() AD9920A Rev. B | Page 50 of 112 FIELD3 FIELD1 FIELD2 FIELD3 FIELD5 FIELD1 FIELD4 FIELD2 EXAMPLE 1: TOTAL FIELDS = 3, FIRST FIELD = FIELD1, SECOND FIELD = FIELD2, THIRD FIELD = FIELD3 MODE SETTINGS: 0x2A = 0x03 0x2B = 0x820 0x2C = 0x00 EXAMPLE 2: TOTAL FIELDS = 1, FIRST FIELD = FIELD3 MODE SETTINGS: 0x2A = 0x01 0x2B = 0x03 0x2C = 0x00 EXAMPLE 3: TOTAL FIELDS = 4, FIRST FIELD = FIELD5, SECOND FIELD = FIELD1, THIRD FIELD = FIELD4, FOURTH FIELD = FIELD2 MODE SETTINGS: 0x2A = 0x04 0x2B = 0x11025 0x2C = 0x00 Figure 61. Using the Mode Registers to Select Field Timing VD REGISTER WRITE A MODE FIELD NUMBER 4 (DRAFT) 4 (DRAFT) 0 (STILL FIRST FIELD) EXAMPLE MODE REGISTER CHANGE: REGISTER WRITE A––WRITE TO MODE REGISTERS 0x2A, 0x2B, 0x2C TO SPECIFY CHANGE FROM DRAFT MODE (FIELD4) TO STILL MODE (FIELD1/2/3). ALSO WRITE TO VGA GAIN OR ANY NEW REGISTER VALUES NEEDED FOR STILL FRAME OPERATION, SUCH AS NEW FIELD INFORMATION. 1 (STILL SECOND FIELD) 2 MODE UPDATE MODE WRITE Figure 62. Update of Mode Register, SCK Updated (Default Setting) VD REGISTER WRITE AB MODE FIELD NUMBER 4 (DRAFT) 4 (DRAFT) EXAMPLE MODE REGISTER CHANGE: REGISTER WRITE A––WRITE TO MODE REGISTERS 0x2A, 0x2B, 0x2C TO SPECIFY CHANGE FROM DRAFT MODE (FIELD4) TO STILL MODE (FIELD1/2/3). REGISTER WRITE B––WRITE TO VGA GAIN OR ANY NEW REGISTER VALUES NEEDED FOR STILL FRAME OPERATION, SUCH AS NEW FIELD INFORMATION. NOTES 1. NEW MODE INFORMATION IS UPDATED AT SECOND VD FALLING EDGE AFTER SERIAL WRITE A. 2 MODE UPDATE MODE WRITE 0 (STILL FIRST FIELD) 1 (STILL SECOND FIELD) Figure 63. Update of Mode Register, VD Updated |