công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7477AWARMZ bảng dữ liệu(PDF) 20 Page - Analog Devices

tên linh kiện AD7477AWARMZ
Giải thích chi tiết về linh kiện  2.35 V to 5.25 V, 1 MSPS 12-/10-/8-Bit ADCs in 6-Lead SC70
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7477AWARMZ bảng dữ liệu(HTML) 20 Page - Analog Devices

Back Button AD7477AWARMZ Datasheet HTML 16Page - Analog Devices AD7477AWARMZ Datasheet HTML 17Page - Analog Devices AD7477AWARMZ Datasheet HTML 18Page - Analog Devices AD7477AWARMZ Datasheet HTML 19Page - Analog Devices AD7477AWARMZ Datasheet HTML 20Page - Analog Devices AD7477AWARMZ Datasheet HTML 21Page - Analog Devices AD7477AWARMZ Datasheet HTML 22Page - Analog Devices AD7477AWARMZ Datasheet HTML 23Page - Analog Devices AD7477AWARMZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
AD7476A/AD7477A/AD7478A
Rev. F | Page 20 of 28
POWER VS. THROUGHPUT RATE
By using the power-down mode on the AD7476A/AD7477A/
AD7478A when not converting, the average power consump-
tion of the ADC decreases at lower throughput rates. Figure 23
shows that as the throughput rate is reduced, the device remains
in its power-down state longer and the average power consumption
over time drops accordingly.
For example, if the AD7476A/AD7477A/AD7478A operate in a
continuous sampling mode with a throughput rate of 100 kSPS
and an SCLK of 20 MHz (VDD = 5 V) and the devices are placed
in the power-down mode between conversions, the power
consumption is calculated as follows:
The power dissipation during normal operation is 17.5 mW
(VDD = 5 V). If the power-up time is one dummy cycle, that is,
1 μs, and the remaining conversion time is another cycle, that is,
1 μs, then the AD7476A/AD7477A/AD7478A dissipate 17.5 mW
for 2 μs during each conversion cycle.
If the throughput rate is 100 kSPS, the cycle time is 10 μs, then
the average power dissipated during each cycle is (2/10) ×
(17.5 mW) = 3.5 mW.
If VDD = 3 V, SCLK = 20 MHz, and the devices are again in
power-down mode between conversions, then the power
dissipation during normal operation is 5.1 mW. Thus, the
AD7576A/AD7477A/AD8478A dissipate 5.1 mW for 2 μs
during each conversion cycle. With a throughput rate of
100 kSPS, the average power dissipated during each cycle is
(2/10) × (5.1 mW) = 1.02 mW.
Figure 23 shows the power vs. the throughput rate when using
the power-down mode between conversions with both 5 V and
3 V supplies. The power-down mode is intended for use with
throughput rates of approximately 333 kSPS or less, because at
higher sampling rates, the power-down mode produces no
power savings.
THROUGHPUT (kSPS)
100
0.1
0
10
1
0.01
50
100
150
200
250
300
350
VDD = 5V, SCLK = 20MHz
VDD = 3V, SCLK = 20MHz
Figure 23. Power vs. Throughput



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com