công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7111TE/883B bảng dữ liệu(PDF) 4 Page - Analog Devices

tên linh kiện AD7111TE/883B
Giải thích chi tiết về linh kiện  LC2MOS LOGDAC Logarithmic D/A Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7111TE/883B bảng dữ liệu(HTML) 4 Page - Analog Devices

  AD7111TE/883B Datasheet HTML 1Page - Analog Devices AD7111TE/883B Datasheet HTML 2Page - Analog Devices AD7111TE/883B Datasheet HTML 3Page - Analog Devices AD7111TE/883B Datasheet HTML 4Page - Analog Devices AD7111TE/883B Datasheet HTML 5Page - Analog Devices AD7111TE/883B Datasheet HTML 6Page - Analog Devices AD7111TE/883B Datasheet HTML 7Page - Analog Devices AD7111TE/883B Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AD7111/AD7111A
REV. 0
–4–
ORDERING GUIDES
AD7111A ORDERING GUIDE
Specified
Temperature
Accuracy
Package
Model
Range
Range
Option1
AD7111ABN
–40
°C to +85°C
0 dB to 60 dB
N-16
AD7111ACN
–40
°C to +85°C
0 dB to 72 dB
N-16
AD7111ABR
–40
°C to +85°C
0 dB to 60 dB
R-16
AD7111ACR
–40
°C to +85°C
0 dB to 72 dB
R-16
NOTE
1N = Plastic DIP; R = SOIC.
Power Dissipation, LCCC . . . . . . . . . . . . . . . . . . . . . . . . 1 W
θ
JA, Thermal Impedance . . . . . . . . . . . . . . . . . . . . . 76
°C/W
Lead Temperature (Soldering, 10 secs) . . . . . . . . . +300
°C
Operating Temperature Range
Commercial (K, L Versions) . . . . . . . . . . . . . 0
°C to +70°C
Industrial (B, C Versions) . . . . . . . . . . . . . –40
°C to +85°C
Extended (T, U Versions) . . . . . . . . . . . . –55
°C to +125°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
*Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only, and functional
operation of the device at these or any other conditions above those listed in the
operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS*
(TA = +25
°C unless otherwise noted)
VDD (to DGND) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +7 V
VIN (to AGND) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±35 V
Digital Input Voltage to DGND . . . . . –0.3 V to VDD + 0.3 V
IOUT to AGND . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to VDD
VRFB to AGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±35 V
AGND to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 to VDD
DGND to AGND . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 to VDD
Power Dissipation, DIP . . . . . . . . . . . . . . . . . . . . . . . . . . 1 W
θ
JA, Thermal Impedance . . . . . . . . . . . . . . . . . . . . 117°C/W
Lead Temperature (Soldering, 10 secs) . . . . . . . . . +300
°C
Power Dissipation, SOIC . . . . . . . . . . . . . . . . . . . . . . . . . 1 W
θ
JA, Thermal Impedance . . . . . . . . . . . . . . . . . . . . . 75°C/W
Lead Temperature (Soldering)
Vapor Phase (60 secs) . . . . . . . . . . . . . . . . . . . . . . . 215
°C
Infrared (15 secs) . . . . . . . . . . . . . . . . . . . . . . . . . . 220
°C
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD7111/AD7111A features proprietary ESD protection circuitry, permanent
damage may occur on devices subjected to high energy electrostatic discharges. Therefore,
proper ESD precautions are recommended to avoid performance degradation or loss of
functionality.
ACCURACY: The difference (measured in dB) between the
ideal transfer function as listed in Table I and the actual transfer
function as measured with the device.
OUTPUT CAPACITANCE: Capacitance from IOUT to
ground.
DIGITAL-TO-ANALOG GLITCH IMPULSE: The amount
of charge injected from the digital inputs to the analog output
when the inputs change state. This is normally specified as the
area of the glitch in either pA-secs or nV-secs depending upon
whether the glitch is measured as a current or voltage signal.
Glitch impulse is measured with VIN = AGND.
PROPAGATION DELAY: This is a measure of the internal
delays of the circuit and is defined as the time from a digital in-
put change to the analog output current reaching 90% of its
final value.
AD7111 ORDERING GUIDE
Specified
Temperature
Accuracy
Package
Model
l
Range
Range
Option
2
AD7111KN
0
°C to +70°C
0 dB to 60 dB N-16
AD7111BQ
–40
°C to +85°C 0 dB to 60 dB Q-16
AD7111LN
0
°C to +70°C
0 dB to 72 dB N-16
AD7111CQ
–40
°C to +85°C 0 dB to 72 dB Q-16
AD7111UQ/883B –55
°C to +125°C 0 dB to 72 dB Q-16
AD7111TE/883B –55
°C to +125°C 0 dB to 60 dB E-20A
NOTES
1To order MIL-STD-883B, Class B processed parts, add /883B to part number.
Contact local sales office for military data sheet and availability.
2N = Plastic DIP; Q = Cerdip; E = LCCC; R = SOIC.
TERMINOLOGY
RESOLUTION: Nominal change in attenuation when moving
between two adjacent codes.
MONOTONICITY: The device is monotonic if the analog out-
put decreases (or remains constant) as the digital code increases.
FEEDTHROUGH ERROR: That portion of the input signal
which reaches the output when all digital inputs are high. See
section on Applications.
OUTPUT LEAKAGE CURRENT: Current which appears on
the IOUT terminal with all digital inputs high.
TOTAL HARMONIC DISTORTION: A measure of the
harmonics introduced by the circuit when a pure sinusoid is
applied to the input. It is expressed as the harmonic energy
divided by the fundamental energy at the output.



Html Pages

1 2 3 4 5 6 7 8