công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD1580BRTZ-R2 bảng dữ liệu(PDF) 2 Page - Analog Devices

tên linh kiện AD1580BRTZ-R2
Giải thích chi tiết về linh kiện  1.2 V Micropower, Precision Shunt Voltage Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD1580BRTZ-R2 bảng dữ liệu(HTML) 2 Page - Analog Devices

  AD1580BRTZ-R2 Datasheet HTML 1Page - Analog Devices AD1580BRTZ-R2 Datasheet HTML 2Page - Analog Devices AD1580BRTZ-R2 Datasheet HTML 3Page - Analog Devices AD1580BRTZ-R2 Datasheet HTML 4Page - Analog Devices AD1580BRTZ-R2 Datasheet HTML 5Page - Analog Devices AD1580BRTZ-R2 Datasheet HTML 6Page - Analog Devices AD1580BRTZ-R2 Datasheet HTML 7Page - Analog Devices AD1580BRTZ-R2 Datasheet HTML 8Page - Analog Devices AD1580BRTZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AD1580
Rev. F | Page 2 of 12
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description......................................................................... 1
Pin Configurations ........................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 4
ESD Caution.................................................................................. 4
Typical Performance Characteristics ............................................. 5
Theory of Operation ........................................................................ 6
Applying the AD1580 .................................................................. 6
Temperature Performance........................................................... 6
Voltage Output Nonlinearity vs. Temperature ..........................7
Reverse Voltage Hysteresis...........................................................7
Output Impedance vs. Frequency ...............................................7
Noise Performance and Reduction.............................................8
Turn-On Time ...............................................................................8
Transient Response .......................................................................9
Precision Micropower Low Dropout Reference .......................9
Using the AD1580 with 3 V Data Converters ...........................9
Outline Dimensions....................................................................... 11
Ordering Guide .......................................................................... 12
Package Branding Information ................................................ 12
REVISION HISTORY
7/11—Rev. E to Rev. F
Changes to Ordering Guide .......................................................... 12
7/11—Rev. D to Rev. E
Updated Outline Dimensions ....................................................... 11
Changes to Ordering Guide .......................................................... 12
1/08—Rev. C to Rev. D
Changes to Figure 5.......................................................................... 5
Changes to Figure 6 Caption........................................................... 5
Changes to Ordering Guide .......................................................... 12
7/06—Rev. B to Rev. C
Updated Format..................................................................Universal
Changes to Figure 13........................................................................ 7
Changes to Figure 16........................................................................ 8
Updated Outline Dimensions....................................................... 11
Changes to Ordering Guide.......................................................... 12
7/04—Rev. A to Rev. B
Changes to Ordering Guide.............................................................2
10/03—Rev. 0 to Rev. A
Renumbered Figures and TPCs........................................Universal
Edits to Features.................................................................................1
Edits to General Description ...........................................................1
Edits to Ordering Guide ...................................................................2
Updated Figures 5 Through 7..........................................................4
Updated Outline Dimensions..........................................................8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com