công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD534TH/883B bảng dữ liệu(PDF) 10 Page - Analog Devices

tên linh kiện AD534TH/883B
Giải thích chi tiết về linh kiện  Internally Trimmed Precision IC Multiplier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD534TH/883B bảng dữ liệu(HTML) 10 Page - Analog Devices

Back Button AD534TH/883B Datasheet HTML 6Page - Analog Devices AD534TH/883B Datasheet HTML 7Page - Analog Devices AD534TH/883B Datasheet HTML 8Page - Analog Devices AD534TH/883B Datasheet HTML 9Page - Analog Devices AD534TH/883B Datasheet HTML 10Page - Analog Devices AD534TH/883B Datasheet HTML 11Page - Analog Devices AD534TH/883B Datasheet HTML 12Page - Analog Devices AD534TH/883B Datasheet HTML 13Page - Analog Devices AD534TH/883B Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
AD534
Rev. C | Page 9 of 20
NC = NO CONNECT. DO NOT
CONNECT TO THIS PIN.
AD534
TOP VIEW
(Not to Scale)
4
NC
5
NC
6
SF
7
NC
8
NC
18
OUT
17
NC
16
Z1
15
NC
14
Z2
19
20
1
2
3
13
12
11
10
9
Figure 6. LCC (E-20-1) Pin Configuration
Table 7. E-20-1 Package Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 4, 5, 7, 8, 11, 13, 15, 17, 19
NC
No Connect. Do not connect to this pin.
2
X1
Noninverting Differential Input of the X Multiplicand Input.
3
X2
Inverting Differential Input of the X Multiplicand Input.
6
SF
Scale Factor Input.
9
Y1
Noninverting Differential Input of the Y Multiplicand Input.
10
Y2
Inverting Differential Input of the Y Multiplicand Input.
12
−VS
Negative Supply Rail.
14
Z2
Inverting Differential Input of the Z Reference Input.
16
Z1
Noninverting Differential Input of the Z Reference Input.
19
OUT
Product Output.
20
+VS
Positive Supply Rail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21