| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADF04ST bảng dữ liệu(PDF) 37 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADF04ST bảng dữ liệu(HTML) 37 Page - Tyco Electronics |
|
37 / 326 page ![]() ASE/F Series Slide Switches, Flush Actuator, Through Hole and Surface Mount B9 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 B .060* 1.52 .065* 1.65 .020±.002 .508±.051 .100±.005 2.54±.127 .150 3.81 .100 2.54 .175 4.45 A L Type Surface Mount Upright, Surface Mount "S" Type, Flush Actuator Tyco Alcoswitch Type Contact Dim A Electronics 6-1437581-0 ASF22GS DPDT Gold .400/10.2 6-1437581-7 ASF22S DPDT Silver .400/10.2 — ASF42GS 4PDT Gold .700/17.8 7-1437581-7 ASF42S 4PDT Silver .700/17.8 — ASF43GS 4P3T Gold 1.10/27.9 8-1437581-3 ASF43S 4P3T Silver 1.10/27.9 — ASF62GS 6PDT Gold 1.00/25.4 9-1437581-4 ASF62S 6PDT Silver 1.00/25.4 Right Angle, Surface Mount "L" Type, Flush Actuator Tyco Alcoswitch Type Contact Dim A Electronics 6-1437581-4 ASF22RGL DPDT Gold .400/10.2 — ASF22RL DPDT Silver .400/10.2 7-1437581-5 ASF42RGL 4PDT Gold .700/17.8 7-1437581-6 ASF42RL 4PDT Silver .700/17.8 — ASF43RGL 4P3T Gold 1.10/27.9 — ASF43RL 4P3T Silver 1.10/27.9 9-1437581-2 ASF62RGL 6PDT Gold 1.00/25.4 — ASF62RL 6PDT Silver 1.00/25.4 Right Angle, Surface Mount "S" Type, Flush Actuator Tyco Alcoswitch Type Contact Dim A Electronics 6-1437581-5 ASF22RGS DPDT Gold .400/10.2 6-1437581-6 ASF22RS DPDT Silver .400/10.2 — ASF42RGS 4PDT Gold .700/17.8 — ASF42RS 4PDT Silver .700/17.8 — ASF43RGS 4P3T Gold 1.10/27.9 — ASF43RS 4P3T Silver 1.10/27.9 9-1437581-3 ASF62RGS 6PDT Gold 1.00/25.4 — ASF62RS 6PDT Silver 1.00/25.4 .060 1.52 .290 7.37 .320±.015 8.12±.381 .065 1.65 .020±.002 Typ. .508±.051 .150 3.81 .100 2.54 .354 8.99 A Dotted Line Indicates Side Actuator .100±.005 2.54±.127 .150 3.81 .075 1.91 .085 2.16 .020±.002 Typ. .508±.051 .100 2.54 .175 4.45 A .100±.005 2.54±.127 NOTE: See Page B10 for Circuit Diagram and Recommended PC Board Layout. NOTE: See Page B10 for Circuit Diagram and Recommended PC Board Layout. NOTE: See Page B10 for Circuit Diagram and Recommended PC Board Layout. |