| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADF04ST bảng dữ liệu(PDF) 255 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADF04ST bảng dữ liệu(HTML) 255 Page - Tyco Electronics |
|
255 / 326 page ![]() K6 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 K K Series Knobs, Machined Aluminum KD SERIES KE SERIES Diamond Knurl with Indicator Line Tyco Electronics Alcoswitch Color A B C D E F G 7-1437621-1 KD500A1/8 Natural .500(12.7) .430(10.9) .380(9.65) .430(10.9) .630(16.0) .510(13.0) .470(11.9) 7-1437621-0 KD500A1/4 Natural .500(12.7) .430(10.9) .380(9.65) .430(10.9) .630(16.0) .510(13.0) .470(11.9) 7-1437621-3 KD500B1/8 Black .500(12.7) .430(10.9) .380(9.65) .430(10.9) .630(16.0) .510(13.0) .470(11.9) 7-1437621-2 KD500B1/4 Black .500(12.7) .430(10.9) .380(9.65) .430(10.9) .630(16.0) .510(13.0) .470(11.9) 7-1437621-4 KD700A1/4 Natural .750(19.1) .660(16.8) .590(15.0) .660(16.8) .630(16.0) .510(13.0) .470(11.9) 7-1437621-5 KD700B1/4 Black .750(19.1) .660(16.8) .590(15.0) .660(16.8) .630(16.0) .510(13.0) .470(11.9) 7-1437621-6 KD900A1/4 Natural .940(23.9) .820(20.8) .710(18.0) .820(20.8) .630(16.0) .510(13.0) .470(11.9) 7-1437621-7 KD900B1/4 Black .940(23.9) .820(20.8) .710(18.0) .820(20.8) .630(16.0) .510(13.0) .470(11.9) 6-1437621-8 KD1250A1/4 Natural 1.25(31.8) 1.11(28.2) .980(24.9) 1.11(28.2) .750(19.1) .630(16.0) .590(15.0) 6-1437621-9 KD1250B1/4 Black 1.25(31.8) 1.11(28.2) .980(24.9) 1.11(28.2) .750(19.1) .630(16.0) .590(15.0) KES SERIES KD1250B1/4 A INDICATOR LINE 120 ° NO. 6-32 SET SCREW 2 PLACES .040 (1.02) G D B C E 1/8" SHAFT=.126" (3.20) 1/4" SHAFT=.251" (6.37) .040 (1.01) .080 (2.03) F .280 (7.11) .157 (3.99) Knurl Grip with Dot Indicator on Skirt Tyco Electronics Alcoswitch Color A B C DE F 8-1437621-4 KES500AB1/8 Ntl. - Blk. .500(12.7) .460(11.7) .382(9.70) .750(19.1) .625(15.9) .512(13.0) 8-1437621-3 KES500AB1/4 Ntl. - Blk. .500(12.7) .460(11.7) .382(9.70) .750(19.1) .625(15.9) .512(13.0) 8-1437621-5 KES700AB1/4 Ntl. - Blk. .750(19.1) .710(18.1) .630(16.0) 1.13(28.7) .625(15.9) .512(13.0) KES900AB1/4 Ntl. - Blk. .937(23.8) .897(22.8) .787(20.0) 1.44(36.6) .625(15.9) .512(13.0) Knurl Grip with Top Dot Indicator Tyco Electronics Alcoswitch Color A B C D E F 8-1437621-0 KE500AB1/8 Ntl.- Blk. .500(12.7) .126(3.20) .382(9.70) .460(11.7) .625(15.9) .512(13.0) 7-1437621-9 KE500AB1/4 Ntl.- Blk. .500(12.7) .126(3.20) .382(9.70) .460(11.7) .62515.9) .512(13.0) 8-1437621-1 KE700AB1/4 Ntl. - Blk. .740(18.8) .251(6.38) .630(16.0) .708(18.0) .625(15.9) .512(13.0) 8-1437621-2 KE900AB1/4 Ntl. - Blk. .93(23.8) .251(6.38) .787(20.0) .900(22.9) .625(15.9) .512(13.0) 7-1437621-8 KE1250AB1/4 Ntl. - Blk. 1.25(31.8) .251(6.38) 1.06(26.9) 1.17(29.7) .625(15.9) .512(13.0) 120 ° 120 ° DOT INDICATOR A NO. 6-32 SET SCREW 2 PLACES D B C F E .157 (3.99) .150 (3.81) .256 (6.50) .100 (2.54) KE500AB1/4 120 ° 120 ° DOT INDICATOR A B NO. 6-32 SET SCREW 2 PLACES D C E .256 (6.50) .150 (3.81) F .157 (3.99) KE900AB1/4 KES500AB1/4 |