công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADF04ST bảng dữ liệu(PDF) 123 Page - Tyco Electronics

tên linh kiện ADF04ST
Giải thích chi tiết về linh kiện  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MACOM [Tyco Electronics]
Trang chủ  http://www.macom.com
Logo MACOM - Tyco Electronics

ADF04ST bảng dữ liệu(HTML) 123 Page - Tyco Electronics

Back Button ADF04ST Datasheet HTML 119Page - Tyco Electronics ADF04ST Datasheet HTML 120Page - Tyco Electronics ADF04ST Datasheet HTML 121Page - Tyco Electronics ADF04ST Datasheet HTML 122Page - Tyco Electronics ADF04ST Datasheet HTML 123Page - Tyco Electronics ADF04ST Datasheet HTML 124Page - Tyco Electronics ADF04ST Datasheet HTML 125Page - Tyco Electronics ADF04ST Datasheet HTML 126Page - Tyco Electronics ADF04ST Datasheet HTML 127Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 326 page
background image
D33
D
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
BP T/M Series
Pushbutton Switches, Panel Seal
MATERIALS
The flexible panel seal is custom molded of Neoprene rubber for
long life, flexibility and chemical resistance. The threaded plastic
adaptor is molded of ABS thermoplastic, is impact resistant and
designed for ease of mounting.
BPM
For use with Miniature Pushbutton
The BPM seal adaptor accommodates all AUGAT/ALCOSWITCH MPA Series of
pushbutton switches utilizing the 1/4-40 threaded bushing.
Part Number
Tyco
Alcoswitch
Color* of Seal
Electronics
3-1437626-0
BPM15320
Black
3-1437626-1
BPM15322
Red
3-1437626-2
BPM15328
Gray
(*) Custom seal colors are available upon special request.
BPT
For use with Tiny Series TPF Pushbutton
The BPT seal adaptor accommodates all AUGAT/ALCOSWITCH TPF Series Tiny
Pushbutton switches utilizing the 1/4-40 threading bushing.
Part Number
Tyco
Alcoswitch
Color* of Seal
Electronics
3-1437626-3
BPT15320
Black
3-1437626-4
BPT15322
Red
3-1437626-5
BPT15328
Grey
(*) Custom seal colors are available upon special request.
BPM15320
BPT15328
.750
(19.0)
DIA.
.547
(13.9)
1/4-40
UNS-2B
15/32 UNS-2A
SPACER
(LOOSE PART)
HEX NUT
.375
(9.53)
.354
(8.99)
DIA.
.260
(6.60)
DIA.
.625
(15.9)
.080
(2.03)
.250
(6.35)
.118
(3.00)
.146
(3.71)
CAP
.750
(19.0)
DIA.
.547
(13.9)
15/32 UNS-2A
HEX NUT
.375
(9.53)
.625
(15.9)
.067
(1.70)
.080
(2.03)
.250
(6.35)
CAP
1/4-40 UNS-2B
ADAPTOR
FEATURES
The BP Series offers a unique means of sealing pushbutton
switches, using a standard 1/4-40 threading bushing, to almost any
thickness panel. Simply install the BP adaptor into a 15/32" dia. or
1/2" dia. panel opening and secure with its hex nut. The switch is
then threaded into the previously mounted adaptor and tightened
into place. A complete and decorative panel seal is the result of the
simple process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More