| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADF02S bảng dữ liệu(PDF) 13 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADF02S bảng dữ liệu(HTML) 13 Page - Tyco Electronics |
|
13 / 326 page ![]() A13 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 A 7000 Series DIP Switches, Extended Actuator, Single or Double Pole, Double Throw Multiple Single Pole Double Throw Contact Lead Spacing — .100 x .300 [2.54 x 7.62] Lead Length — .140 [3.56] below mounting surface Contact Arrangement Double Pole Double Throw Contact Lead Spacing — .100 x .300 [2.54 x 7.62] Lead Length — .140 [3.56] below mounting surface Contact Arrangement Note: Switch positions are closed when rockers are down toward white dots. Switches have make-before-break circuit design. No. of Dim. A DPDT Part No. Switches inch mm Low Profile Extended Lever Actuator Actuator 1 .480 12.19 435470-5 3-435470-1 2 .880 22.35 435470-9 — No. of Dim. A SPDT Part No. Switches inch mm Low Profile Extended Lever Actuator Actuator 1 .280 7.11 435470-7 2-435470-1 2 .480 12.19 435470-1 2-435470-2 3 .680 17.27 435470-2 — 4 .880 22.35 435470-3 2-435470-4 5 1.080 27.43 — 2-435470-5 6 1.280 32.51 — 2-435470-6 Recommended PC Board Hole Pattern Low Profile Lever Actuator Shown Extended Lever Actuator Shown Note: Switch positions are closed when rockers are down toward white dots. Switches have make-before-break circuit design. Pin 1 Pin 1 .100 ± .005 .300 [7.62 ] ± .005 ± 0.13 [2.54 ] ± 0.13 .035 ± .005 [0.89 ] ± 0.13 Typ. Dia. Typ. .360 [9.14] .460 [11.68] A .380 [9.65] .380 [9.65] A White Dot Identifies Pin 1 .380 [9.65] .290 [7.37] .19±.01 (4.83±.25) .14±.02 (3.56±.508) .315±.010 (8.00±.25) Mounting Surface Acuator .012 Typ. (3.05) .29±.02 Typ. (7.36±.508) .02 (1.27) Standoff, 4 Places +.01 -.00 +.254 -.000 .36±.02 Typ. (9.14±.508) |