| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADE12 bảng dữ liệu(PDF) 36 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADE12 bảng dữ liệu(HTML) 36 Page - Tyco Electronics |
|
36 / 326 page ![]() B8 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 B ASE/F Series Slide Switches, Flush Actuator, Through Hole and Surface Mount Upright, Through Hole, Flush Actuator Tyco Alcoswitch Type Contact Dim A Electronics 5-1437581-6 ASF22 DPDT Silver .400/10.2 5-1437581-8 ASF22G DPDT Gold .400/10.2 6-1437581-8 ASF42 4PDT Silver .700/17.8 7-1437581-0 ASF42G 4PDT Gold .700/17.8 7-1437581-8 ASF43 4P3T Silver 1.10/27.9 7-1437581-9 ASF43G 4P3T Gold 1.10/27.9 8-1437581-4 ASF62 6PDT Silver 1.00/25.4 8-1437581-6 ASF62G 6PDT Gold 1.00/25.4 Right Angle, Through Hole, Flush Actuator Tyco Alcoswitch Type Contact Dim A Electronics 6-1437581-2 ASF22R DPDT Silver .400/10.2 6-1437581-3 ASF22RG DPDT Gold .400/10.2 7-1437581-3 ASF42R 4PDT Silver .700/17.8 7-1437581-4 ASF42RG 4PDT Gold .700/17.8 ASF43R 4P3T Silver 1.10/27.9 8-1437581-2 ASF43RG 4P3T Gold 1.10/27.9 8-1437581-9 ASF62R 6PDT Silver 1.00/25.4 9-1437581-1 ASF62RG 6PDT Gold 1.00/25.4 Upright, Surface Mount "L" Type, Flush Actuator Tyco Alcoswitch Type Contact Dim A Electronics 5-1437581-9 ASF22GL DPDT Gold .400/10.2 6-1437581-1 ASF22L DPDT Silver .400/10.2 7-1437581-1 ASF42GL 4PDT Gold .700/17.8 7-1437581-2 ASF42L 4PDT Silver .700/17.8 8-1437581-0 ASF43GL 4P3T Gold 1.10/27.9 8-1437581-1 ASF43L 4P3T Silver 1.10/27.9 8-1437581-7 ASF62GL 6PDT Gold 1.00/25.4 8-1437581-8 ASF62L 6PDT Silver 1.00/25.4 .290 7.37 .020±.002 .508±.051 .315±.002 8.00±.051 .290 7.37 .320±.015 8.12±.381 .150 3.81 .100 2.54 .354 8.99 .075 1.91 A B L Type Surface Mount .085 2.16 .150 3.81 .075 1.91 .085 2.16 .100±.005 2.54±.127 .160 4.06 .060 1.52 .050 1.27 .055 1.39 .205 5.21 .020±.002 Typ. .508±.051 .010±.002 Typ. .254±.051 .100 2.54 .042 1.07 .175 4.45 A .100±.005 2.54±.127 .290 7.37 .320±.015 8.12±.381 .160 4.06 .065 1.65 .020±.002 Typ. .508±.051 .010±.002 Typ. .254±.051 .150 3.81 .100 2.54 .042 1.07 .175 4.45 A .100±.005 2.54±.127 NOTE: See Page B10 for Circuit Diagram and Recommended PC Board Layout. NOTE: See Page B10 for Circuit Diagram and Recommended PC Board Layout. NOTE: See Page B10 for Circuit Diagram and Recommended PC Board Layout. |