| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADE10SA bảng dữ liệu(PDF) 17 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADE10SA bảng dữ liệu(HTML) 17 Page - Tyco Electronics |
|
17 / 326 page ![]() A17 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 A 7100 Series DIP Switches, Rocker Style Actuator .380 [9.65] .290 [7.37] A White Dot Identifies Pin 1 .380 [9.65] .290 [7.37] A White Dot Identifies Pin 1 Single Pole Single Throw Contact Lead Spacing — .100 x .300 [2.54 x 7.62] Lead Length — .140 [3.56] below mounting surface Contact Arrangement Note: Switches shown in open position. Single Pole Single Throw Low Profile Contact Lead Spacing — .100 x .300 [2.54 x 7.62] Lead Length — .140 [3.56] below mounting surface Contact Arrangement Note: Switches shown in open position. No. of Dim. A SPST Standard Profile SPST Low Profile Switches inch mm Unsealed1 Sealed Unsealed1 Tape Sealed Part No. Part No. Part No. Part No. 2 .280 7.11 2-435640-9 — 435668-1 2-435668-6 3 .380 9.65 3-435640-0 — — 3-435668-3 4 .480 12.19 435640-2 3-435640-5 435668-3 3-435668-4 5 .580 14.73 435640-3 3-435640-6 435668-4 3-435668-5 6 .680 17.27 435640-4 3-435640-7 435668-5 2-435668-5 7 .780 19.81 435640-1 3-435640-8 — 2-435668-7 8 .880 22.35 435640-5 3-435640-9 435668-7 2-435668-8 9 .980 24.89 435640-6 4-435640-0 — 2-435668-9 10 1.080 27.43 435640-7 4-435640-1 435668-9 3-435668-0 11 1.180 29.97 — — — 3-435668-1 12 1.280 32.51 3-435640-2 4-435640-3 — 3-435668-2 Recommended PC Board Hole Pattern 1 All switches are bottom sealed. Pin 1 Pin 1 .300 [7.62 ] ± .005 ± 0.13 .100 [2.54 ] ± .005 ± 0.13 Typ. .035 [0.89 ] ± .005 ± 0.13 Dia. Typ. .340 [8.64] .290 [7.37] |