| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADE09SA bảng dữ liệu(PDF) 4 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADE09SA bảng dữ liệu(HTML) 4 Page - Tyco Electronics |
|
4 / 326 page ![]() PC S 1 O N O F F 2 3 .069 (1.75) LENGTH 4 5 6 7 8 .024 (0.60) .100 (2.54) .047 (1.20) .152 (3.85) .169 (4.30) .055 (1.40) .378 (9.60) .203 (5.16) .055 (1.40) .010 (0.25) .300 (7.62) DIM. M .100 (2.54) TYP. .240 (6.10) MAX. .060 (1.52) MIN. TYP. .325 (8.26) .476 (12.1) MIN. .039 (1.00) .433 (11.0) .010 (0.25) TYP. .072 (1.82) TYP. .072 (1.82) TYP. .008 (0.20) .209 (5.30) .378 (9.60) .100 (2.54) TYP. .300 (7.60) M ¿.031 (0.80) TYP. GD Series A4 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 A DIP Switches, Piano Actuator, Through Hole and Surface Mount GDB08 GDP08 Part Number PC Model S Model Tape and Reel S Model No Tape Poles Length Dim. M Tyco Alcoswitch Tyco Alcoswitch Tyco Alcoswitch Tyco Alcoswitch Electronics Electronics Electronics Electronics 3-1437590-2 GDP02 3-1437590-4 GDP02S 1571668-1 GDP02STR 3-1437590-3 GDP02NTS 2 .238(6.04) .100(2.54) 3-1437590-5 GDP04 3-1437590-7 GDP04S — — 3-1437590-6 GDP04NTS 4 .438(11.12) .300(7.62) 3-1437590-8 GDP06 3-1437590-9 GDP06S — — — — 6 .638(16.20) .500(12.7) 4-1437590-0 GDP08 4-1437590-1 GDP08S 4-1437590-2 GDP08STR — — 8 .838(21.28) .700(17.78) 4-1437590-3 GDP10 4-1437590-4 GDP10S 4-1437590-5 GDP10STR — — 10 1.038(26.36) .900(22.86) GDP Classic Profile Piano Actuator GDB Flush Rocker Actuator .100 (2.54) TYP. .300 (7.60) M ¿0.03 (0.80) TYP. S LENGTH .100 (2.54) .069 (1.75) o n 12 34 5 .100 (2.54) .140 (3.56) .051 (1.30) .024 (0.60) .047 (1.20) .303 (7.70) 67 8 .378 (9.60) .300 (7.62) .010 (0.25) .240 (6.10) MAX. .100 (2.54) TYP. DIM. M .325 (8.26) .060 (1.52) MIN. .476 (12.10) MIN. O N12 34 56 78 9 10 .433 (11.00) .378 (9.60) .071 (1.82) TYP. .040 (1.00) .008 (0.20) .010 (0.25) .343 (8.710) PC S PC S DIP Switches, Flush Rocker Actuator, Through Hole and Surface Mount Part Number PC Model S Model Poles Length Dim. M Tyco Alcoswitch Tyco Alcoswitch Electronics Electronics 1437590-1 GDB02 — GDB02S 2 .238(6.04) .100(2.54) 1437590-2 GDB04 1437590-3 GDB04S 4 .438(11.12) .300(7.62) 1437590-4 GDB06 1437590-5 GDB06S 6 .638(16.20) .500(12.7) 1437590-6 GDB08 1437590-7 GDB08S 8 .838(21.28) .700(17.78) 1437590-8 GDB10 1437590-9 GDB10S 10 1.038(26.36) .900(22.86) SEE PAGE A3 FOR PRODUCT SPECIFICATIONS |