| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADE05 bảng dữ liệu(PDF) 93 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADE05 bảng dữ liệu(HTML) 93 Page - Tyco Electronics |
|
93 / 326 page ![]() C17 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 C TTE-ES Series Toggle Switches, Tiny, Enviromental and Process Sealed Tyco Alcoswitch Type Act. Code P. M5 Electronics 8-1437562-9 TTE11DGRA1ES SPDT D On None On 9-1437562-2 TTE11EGRA1ES SPDT E On Off On 2 POLE-PC RIGHT ANGLE SEE PAGE C16 FOR PRODUCT SPECIFICATIONS Tyco Alcoswitch Type Act. Code P. M5 Electronics 1437563-4 TTE21NGRA1ES DPDT N On None On TTE21PGRA1ES DPDT P On Off On TTE21NGRA1ES Horizontal Actuation .118 (3.00) .200 (5.08) .100 (2.54) .100 (2.54) TYP. .043 (1.09) TYP. DIA. .242 (6.15) .172 (4.37) TO FLAT .186 (4.72) DIA. .030 (0.76) .221 (5.61) .178 (4.52) .515 (13.08) .480 (12.2) .080 (2.03) .015 (0.38) .100 (2.50) DIA. .030 (0.76) .390 (9.91) .020 (0.51) TYP. .400 (10.1) For terminal connections refer to Code Chart on page M5-6 Tyco Alcoswitch Type Act. Code P. M5 Electronics 8-1437562-6 TTE11DGPC1ES SPDT D On None On TTE11EGPC1ES SPDT E On Off On 1 POLE-PC VERTICAL MOUNT 2 POLE-PC VERTICAL MOUNT Tyco Alcoswitch Type Act. Code P. M5 Electronics 1437563-1 TTE21NGPC1ES DPDT N On None On TTE21PGPC1ES DPDT P On Off On 1 POLE-PC RIGHT ANGLE TTE11DGRA1ES Horizontal Actuation .172 (4.37) TO FLAT .186 (4.72) DIA. .221 (5.61) .194 (4.93) .380 (9.65) .119 (3.02) .020 (0.51) TYP. 26˚ .100 (2.50) DIA. 3 2 1 .356 (9.04) .406 (10.31) .030 (0.76) .100 (2.54) TYP. .043 (1.09) TYP. DIA. .172 (4.37) TO FLAT .186 (4.72) DIA. .221 (5.61) .194 (4.93) .380 (9.65) .119 (3.02) .020 (0.51) TYP. 26˚ .100 (2.50) DIA. 3 2 1 6 5 4 .482 (12.24) .200 (5.10) .390 (9.91) .030 (0.76) .100 (2.54) .200 (5.08) .043 (1.09) TYP. DIA. .120 (3.05) TO FLAT .200 (5.08) .100 (2.54) TYP. .043 (1.09) TYP. DIA. .172 (4.37) .172 (4.37) TO FLAT .186 (4.72) .030 (0.76) .221 (5.61) .178 (4.52) .356 (9.04) .075 (1.91) .015 (0.38) .100 (2.50) DIA. .030 (0.76) .406 (10.31) .020 (0.51) TYP. .400 (10.1) .415 (10.54) |