| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADE02 bảng dữ liệu(PDF) 62 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADE02 bảng dữ liệu(HTML) 62 Page - Tyco Electronics |
|
62 / 326 page ![]() B34 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 B MHS Series Slide Switches, Low Profile, Right Angle, Instrumentation Grade SEE PAGE B33 FOR PRODUCT SPECIFICATIONS SPDT/SP3T MHS122RA MHS133GRA DPDT/DP3T MHS222RA Tyco Alcoswitch Type Contacts Electronics 1-1437576-4 MHS122RA SPDT On None On Silver 1-1437576-8 MHS123RA SPDT On Off On Silver 2-1437576-4 MHS133RA SP3T On On On Silver 1-1437576-1 MHS122GRA SPDT On None On Gold 1-1437576-6 MHS123GRA SPDT On Off On Gold 2-1437576-1 MHS133GRA SP3T On On On Gold Tyco Alcoswitch Type Contacts Electronics 3-1437576-0 MHS222RA DPDT On None On Silver 3-1437576-5 MHS223RA DPDT On Off On Silver 4-1437576-1 MHS233RA DP3T On On On Silver 2-1437576-7 MHS222GRA DPDT On None On Gold 3-1437576-3 MHS223GRA DPDT On Off On Gold 3-1437576-8 MHS233GRA DP3T On On On Gold .098 (2.50) .118 (3.00) .020 (0.51) .039 (1.00) TYP. .171 (4.35) .073 (1.85) .244 (6.20) .157 (4.00) TYP. .035 (0.90) TYP. DIA. .055 (1.40) TYP. DIA. .138 (3.50) .590 (14.99) .073 (1.85) .157 (4.00) TYP. .171 (4.35) .035 (0.89) TYP. DIA. .079 (2.00) TYP. .055 (1.40) TYP. DIA. .295 (7.50) .177 (4.50) .264 (6.70) .118 (3.00) .630 (16.0) .016 (0.41) TYP. .020 (0.51) TYP. .019 (0.50) POS. 1 POS. 2 POS. 3 POS. 1 POS. 2 POS. 3 POS. 1 POS. 2 .138 (3.50) .244 (6.20) .118 (3.00) .020 (0.51) .160 (3.90) .080 (2.00) TYP. .039 (1.00) TYP. .295 (7.50) MHS122/123 MHS133 MHS233GRA .098 (2.50) .118 (3.00) .020 (0.51) .039 (1.00) TYP. .098 (2.50) .073 (1.85) .244 (6.20) .118 (3.00) .157 (4.00) TYP. .035 (0.90) TYP. DIA. .055 (1.40) TYP. DIA. .118 (3.00) .590 (14.99) .157 (4.00) TYP. .073 (1.85) .035 (0.89) TYP. DIA. .079 (2.00) TYP. .055 (1.40) TYP. DIA. .098 (2.50) .295 (7.50) .177 (4.50) .264 (6.70) .118 (3.00) .630 (16.0) .015 (0.38) TYP. .020 (0.51) TYP. POS. 1 POS. 2 POS. 3 POS. 1 POS. 2 POS. 3 POS. 1 POS. 2 POS. 1 POS. 1 POS. 2 POS. 2 POS. 3 POS. 1 POS. 2 POS. 3 .073 (1.85) .118 (3.00) .020 (0.51) .039 (1.00) TYP. .295 (7.50) .244 (6.20) MHS222/223 MHS233 |