công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADIS16003PCBZ bảng dữ liệu(PDF) 14 Page - Analog Devices

tên linh kiện ADIS16003PCBZ
Giải thích chi tiết về linh kiện  iSensor PC-USB Evaluation System
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADIS16003PCBZ bảng dữ liệu(HTML) 14 Page - Analog Devices

Back Button ADIS16003PCBZ Datasheet HTML 7Page - Analog Devices ADIS16003PCBZ Datasheet HTML 8Page - Analog Devices ADIS16003PCBZ Datasheet HTML 9Page - Analog Devices ADIS16003PCBZ Datasheet HTML 10Page - Analog Devices ADIS16003PCBZ Datasheet HTML 11Page - Analog Devices ADIS16003PCBZ Datasheet HTML 12Page - Analog Devices ADIS16003PCBZ Datasheet HTML 13Page - Analog Devices ADIS16003PCBZ Datasheet HTML 14Page - Analog Devices ADIS16003PCBZ Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
ADISUSBZ
Preliminary Technical Data
Rev. PrA | Page 14 of 15
1
2
3
4
5
6
FIGURE FLAG NOTES:
1.
Perform a single read of the ADIS1625x’s output data
2.
Start and stop continuous reading of the ADIS1625x’s output data. Set the acquisition loop delay time. This provides rough
control over sample times. Please note that this data will not have a high degree of coherence.
3.
Select the file data logging option.
4.
Configure the ADIS1625x’s internal sample rate and filter response.
5.
Set the measurement range from the three options available in the ADIS1625x.
6.
Exercise the user calibration functions.
NOTE: The ADIS16255 can use this software. The ADIS16251 can use this software, but the rate output measured with be 4 times greater
than the actual angular rate.
Figure 20. ADIS1625x Evaluation Software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15