| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLC5510INSR bảng dữ liệu(PDF) 9 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLC5510INSR bảng dữ liệu(HTML) 9 Page - Texas Instruments |
|
9 / 15 page ![]() TLC5510, TLC5510A 8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS SLAS095L – SEPTEMBER 1994 – REVISED JUNE 2003 9 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION C1 D1 C3 C4 C5 C6 C2 C11 C9 C7 C8 C10 C12 R5 R4 R2 R1 Q1 D3 D2 TP3 R3 C11 FB2 FB3 FB7 FB1 VREF ADJ TP1 J1 VDDD VDDA VDDA REFTS REFT VDDA ANALOG IN AGND AGND REFBS REFB DGND 12 11 10 9 8 7 6 5 4 3 2 1 13 14 15 16 17 18 19 20 21 22 23 24 CLK VDDD D8 (MSB) D7 D6 D5 D4 D3 D2 D1 (LSB) DGND OE TLC5510 AVDD 5 V Clock Output Enable DVDD 5 V Video Input JP2 JP1 JP4 JP3 – 5 V NOTE A: Shorting JP1 and JP3 allows adjustment of the reference voltage by R5 using temperature-compensating diodes D2 and D3 which compensate for D1 and Q1 variations. By shorting JP2 and JP4, the internal divider generates a nominal 2-V reference. LOCATION DESCRIPTION C1, C3 – C4, C6 – C12 0.1- µF capacitor C2 10-pF capacitor C5 47- µF capacitor FB1, FB2, FB3, FB7 Ferrite bead Q1 2N3414 or equivalent R1, R3 75- Ω resistor R2 500- Ω resistor R4 10-k Ω resistor, clamp voltage adjust R5 300- Ω resistor, reference-voltage fine adjust Figure 5. TLC5510 Evaluation and Test Schematic |