| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
THS4151CD bảng dữ liệu(PDF) 23 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
THS4151CD bảng dữ liệu(HTML) 23 Page - Texas Instruments |
|
23 / 34 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 21-Mar-2013 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) Op Temp (°C) Top-Side Markings (4) Samples THS4150CD ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 4150C THS4150CDG4 ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 4150C THS4150CDGN ACTIVE MSOP- PowerPAD DGN 8 80 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 AQB THS4150CDGNG4 ACTIVE MSOP- PowerPAD DGN 8 80 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 AQB THS4150CDGNR ACTIVE MSOP- PowerPAD DGN 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 AQB THS4150CDGNRG4 ACTIVE MSOP- PowerPAD DGN 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 AQB THS4150CDR ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 4150C THS4150CDRG4 ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 4150C THS4150ID ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 4150I THS4150IDG4 ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 4150I THS4150IDGKR OBSOLETE VSSOP DGK 8 TBD Call TI Call TI -40 to 85 AST THS4150IDGKRG4 OBSOLETE VSSOP DGK 8 TBD Call TI Call TI -40 to 85 THS4150IDGN ACTIVE MSOP- PowerPAD DGN 8 80 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 AQC THS4150IDGNG4 ACTIVE MSOP- PowerPAD DGN 8 80 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 AQC THS4150IDGNR ACTIVE MSOP- PowerPAD DGN 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 AQC THS4150IDGNRG4 ACTIVE MSOP- PowerPAD DGN 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 AQC THS4151CD ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 4151C THS4151CDG4 ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 4151C |