| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EP4CE115 bảng dữ liệu(PDF) 37 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EP4CE115 bảng dữ liệu(HTML) 37 Page - Altera Corporation |
|
37 / 42 page ![]() Chapter 1: Cyclone IV Device Datasheet 1–37 I/O Timing May 2013 Altera Corporation Cyclone IV Device Handbook, Volume 3 I/O Timing Use the following methods to determine I/O timing: ■ the Excel-based I/O Timing ■ the Quartus II timing analyzer The Excel-based I/O timing provides pin timing performance for each device density and speed grade. The data is typically used prior to designing the FPGA to get a timing budget estimation as part of the link timing analysis. The Quartus II timing analyzer provides a more accurate and precise I/O timing data based on the specifics of the design after place-and-route is complete. f The Excel-based I/O Timing spreadsheet is downloadable from Cyclone IV Devices Literature website. Glossary Table 1–46 lists the glossary for this chapter. Table 1–46. Glossary (Part 1 of 5) Letter Term Definitions A —— B —— C —— D —— E —— F fHSCLK High-speed I/O block: High-speed receiver/transmitter input and output clock frequency. G GCLK Input pin directly to Global Clock network. GCLK PLL Input pin to Global Clock network through the PLL. H HSIODR High-speed I/O block: Maximum/minimum LVDS data transfer rate (HSIODR = 1/TUI). I Input Waveforms for the SSTL Differential I/O Standard V IL V REF V IH VSWING |