công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18F2610E/SOSQTP bảng dữ liệu(PDF) 100 Page - Microchip Technology

tên linh kiện PIC18F2610E/SOSQTP
Giải thích chi tiết về linh kiện  28/40/44-Pin Flash Microcontrollers
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2610E/SOSQTP bảng dữ liệu(HTML) 100 Page - Microchip Technology

Back Button PIC18F2610E/SOSQTP Datasheet HTML 96Page - Microchip Technology PIC18F2610E/SOSQTP Datasheet HTML 97Page - Microchip Technology PIC18F2610E/SOSQTP Datasheet HTML 98Page - Microchip Technology PIC18F2610E/SOSQTP Datasheet HTML 99Page - Microchip Technology PIC18F2610E/SOSQTP Datasheet HTML 100Page - Microchip Technology PIC18F2610E/SOSQTP Datasheet HTML 101Page - Microchip Technology PIC18F2610E/SOSQTP Datasheet HTML 102Page - Microchip Technology PIC18F2610E/SOSQTP Datasheet HTML 103Page - Microchip Technology PIC18F2610E/SOSQTP Datasheet HTML 104Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 376 page
background image
PIC18F2X1X/4X1X
DS39636D-page 102
© 2009 Microchip Technology Inc.
TABLE 9-4:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTB
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on page
PORTB
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
54
LATB
PORTB Data Latch Register (Read and Write to Data Latch)
54
TRISB
PORTB Data Direction Control Register
54
INTCON
GIE/GIEH PEIE/GIEL TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
51
INTCON2
RBPU
INTEDG0 INTEDG1 INTEDG2
—
TMR0IP
—RBIP
51
INTCON3
INT2IP
INT1IP
—INT2IE
INT1IE
—
INT2IF
INT1IF
51
ADCON1
—
—
VCFG1
VCFG0
PCFG3
PCFG2
PCFG1
PCFG0
53
Legend: — = unimplemented, read as ‘0’. Shaded cells are not used by PORTB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More