| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F2610E/SPQTP bảng dữ liệu(PDF) 158 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F2610E/SPQTP bảng dữ liệu(HTML) 158 Page - Microchip Technology |
|
158 / 376 page ![]() PIC18F2X1X/4X1X DS39636D-page 160 © 2009 Microchip Technology Inc. FIGURE 16-5: SPI MODE WAVEFORM (SLAVE MODE WITH CKE = 0) FIGURE 16-6: SPI MODE WAVEFORM (SLAVE MODE WITH CKE = 1) SCK (CKP = 1 SCK (CKP = 0 Input Sample SDI bit 7 SDO bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 SSPIF Interrupt (SMP = 0) CKE = 0) CKE = 0) (SMP = 0) Write to SSPBUF SSPSR to SSPBUF SS Flag Optional Next Q4 Cycle after Q2 ↓ bit 0 SCK (CKP = 1 SCK (CKP = 0 Input Sample SDI bit 7 bit 0 SDO bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 SSPIF Interrupt (SMP = 0) CKE = 1) CKE = 1) (SMP = 0) Write to SSPBUF SSPSR to SSPBUF SS Flag Not Optional Next Q4 Cycle after Q2 ↓ bit 7 |