| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F1320TE/PSQTP bảng dữ liệu(PDF) 65 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F1320TE/PSQTP bảng dữ liệu(HTML) 65 Page - Microchip Technology |
|
65 / 308 page ![]() © 2007 Microchip Technology Inc. DS39605F-page 63 PIC18F1220/1320 6.5 Writing to Flash Program Memory The programming block size is 4 words or 8 bytes. Word or byte programming is not supported. Table writes are used internally to load the holding registers needed to program the Flash memory. There are 8 holding registers used by the table writes for programming. Since the Table Latch (TABLAT) is only a single byte, the TBLWT instruction must be executed 8 times for each programming operation. All of the table write operations will essentially be short writes, because only the holding registers are written. At the end of updating 8 registers, the EECON1 register must be written to, to start the programming operation with a long write. The long write is necessary for programming the internal Flash. Instruction execution is halted while in a long write cycle. The long write will be terminated by the internal programming timer. FIGURE 6-5: TABLE WRITES TO FLASH PROGRAM MEMORY 6.5.1 FLASH PROGRAM MEMORY WRITE SEQUENCE The sequence of events for programming an internal program memory location should be: 1. Read 64 bytes into RAM. 2. Update data values in RAM as necessary. 3. Load Table Pointer with address being erased. 4. Do the row erase procedure (see Section 6.4.1 “Flash Program Memory Erase Sequence”). 5. Load Table Pointer with address of first byte being written. 6. Write the first 8 bytes into the holding registers with auto-increment. 7. Set the EECON1 register for the write operation: • set EEPGD bit to point to program memory; • clear the CFGS bit to access program memory; • set WREN bit to enable byte writes. 8. Disable interrupts. 9. Write 55h to EECON2. 10. Write AAh to EECON2. 11. Set the WR bit. This will begin the write cycle. 12. The CPU will stall for duration of the write (about 2 ms using internal timer). 13. Execute a NOP. 14. Re-enable interrupts. 15. Repeat steps 6-14 seven times to write 64 bytes. 16. Verify the memory (table read). This procedure will require about 18 ms to update one row of 64 bytes of memory. An example of the required code is given in Example 6-3. Holding Register TABLAT Holding Register TBLPTR = xxxxx7 Holding Register TBLPTR = xxxxx1 Holding Register TBLPTR = xxxxx0 8 8 8 8 Write Register TBLPTR = xxxxx2 Program Memory |