| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F1220TE/SOSQTP bảng dữ liệu(PDF) 95 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F1220TE/SOSQTP bảng dữ liệu(HTML) 95 Page - Microchip Technology |
|
95 / 308 page ![]() © 2007 Microchip Technology Inc. DS39605F-page 93 PIC18F1220/1320 FIGURE 10-10: BLOCK DIAGRAM OF RB3/CCP1/P1A PIN Data Bus WR LATB or WR TRISB Data Latch TRIS Latch RD TRISB Q D Q CK QD EN ECCP1/P1A Data Out 1 0 Q D Q CK P N VDD VSS RD PORTB ECCP1 Input RB3 pin PORTB RD LATB Schmitt Trigger VDD Weak Pull-up P RBPU(2) TTL Input Buffer Note 1: I/O pins have diode protection to VDD and VSS. 2: To enable weak pull-ups, set the appropriate TRIS bit(s) and clear the RBPU bit (INTCON2<7>). 3: ECCP1 pin output enable active for any PWM mode and Compare mode, where CCP1M<3:0> = 1000 or 1001. 4: ECCP1 pin input enable active for Capture mode only. ECCP1(3) pin Output Enable P1A/C Tri-State Auto-Shutdown ECCP1(4) pin Input Enable |