công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18F1220TI/SOSQTP bảng dữ liệu(PDF) 70 Page - Microchip Technology

tên linh kiện PIC18F1220TI/SOSQTP
Giải thích chi tiết về linh kiện  18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1220TI/SOSQTP bảng dữ liệu(HTML) 70 Page - Microchip Technology

Back Button PIC18F1220TI/SOSQTP Datasheet HTML 66Page - Microchip Technology PIC18F1220TI/SOSQTP Datasheet HTML 67Page - Microchip Technology PIC18F1220TI/SOSQTP Datasheet HTML 68Page - Microchip Technology PIC18F1220TI/SOSQTP Datasheet HTML 69Page - Microchip Technology PIC18F1220TI/SOSQTP Datasheet HTML 70Page - Microchip Technology PIC18F1220TI/SOSQTP Datasheet HTML 71Page - Microchip Technology PIC18F1220TI/SOSQTP Datasheet HTML 72Page - Microchip Technology PIC18F1220TI/SOSQTP Datasheet HTML 73Page - Microchip Technology PIC18F1220TI/SOSQTP Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 308 page
background image
PIC18F1220/1320
DS39605F-page 68
© 2007 Microchip Technology Inc.
REGISTER 7-1:
EECON1 REGISTER
R/W-x
R/W-x
U-0
R/W-0
R/W-x
R/W-0
R/S-0
R/S-0
EEPGD
CFGS
—
FREE
WRERR
WREN
WR
RD
bit 7
bit 0
bit 7
EEPGD: Flash Program or Data EEPROM Memory Select bit
1
= Access program Flash memory
0
= Access data EEPROM memory
bit 6
CFGS: Flash Program/Data EEPROM or Configuration Select bit
1
= Access configuration or calibration registers
0
= Access program Flash or data EEPROM memory
bit 5
Unimplemented: Read as ‘0’
bit 4
FREE: Flash Row Erase Enable bit
1
= Erase the program memory row addressed by TBLPTR on the next WR command
(cleared by completion of erase operation)
0
= Perform write only
bit 3
WRERR: EEPROM Error Flag bit
1
= A write operation was prematurely terminated
(MCLR or WDT Reset during self-timed erase or program operation)
0
= The write operation completed normally
Note:
When a WRERR occurs, the EEPGD or FREE bits are not cleared. This allows
tracing of the error condition.
bit 2
WREN: Erase/Write Enable bit
1
= Allows erase/write cycles
0
= Inhibits erase/write cycles
bit 1
WR: Write Control bit
1
= Initiates a data EEPROM erase/write cycle, or a program memory erase cycle, or write cycle.
(The operation is self-timed and the bit is cleared by hardware once write is complete. The
WR bit can only be set (not cleared) in software.)
0
= Write cycle is completed
bit 0
RD: Read Control bit
1
= Initiates a memory read
(Read takes one cycle. RD is cleared in hardware. The RD bit can only be set (not cleared)
in software. RD bit cannot be set when EEPGD = 1.)
0
= Read completed
Legend:
R = Readable bit
S = Settable only
U = Unimplemented bit, read as ‘0’
W = Writable bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com