| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC12F509I/ST bảng dữ liệu(PDF) 37 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F509I/ST bảng dữ liệu(HTML) 37 Page - Microchip Technology |
|
37 / 110 page ![]() © 2009 Microchip Technology Inc. DS41236E-page 37 PIC12F508/509/16F505 6.1 Using Timer0 with an External Clock When an external clock input is used for Timer0, it must meet certain requirements. The external clock require- ment is due to internal phase clock (TOSC) synchroni- zation. Also, there is a delay in the actual incrementing of Timer0 after synchronization. 6.1.1 EXTERNAL CLOCK SYNCHRONIZATION When no prescaler is used, the external clock input is the same as the prescaler output. The synchronization of T0CKI with the internal phase clocks is accom- plished by sampling the prescaler output on the Q2 and Q4 cycles of the internal phase clocks (Figure 6-4). Therefore, it is necessary for T0CKI to be high for at least 2 TOSC (and a small RC delay of 2 Tt0H) and low for at least 2 TOSC (and a small RC delay of 2 Tt0H). Refer to the electrical specification of the desired device. When a prescaler is used, the external clock input is divided by the asynchronous ripple counter-type prescaler, so that the prescaler output is symmetrical. For the external clock to meet the sampling require- ment, the ripple counter must be taken into account. Therefore, it is necessary for T0CKI to have a period of at least 4 TOSC (and a small RC delay of 4 Tt0H) divided by the prescaler value. The only requirement on T0CKI high and low time is that they do not violate the minimum pulse width requirement of Tt0H. Refer to parameters 40, 41 and 42 in the electrical specification of the desired device. 6.1.2 TIMER0 INCREMENT DELAY Since the prescaler output is synchronized with the internal clocks, there is a small delay from the time the external clock edge occurs to the time the Timer0 module is actually incremented. Figure 6-4 shows the delay from the external clock edge to the timer incrementing. FIGURE 6-4: TIMER0 TIMING WITH EXTERNAL CLOCK Increment Timer0 (Q4) External Clock Input or Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Timer0 T0 T0 + 1 T0 + 2 Small pulse misses sampling External Clock/Prescaler Output After Sampling (3) Prescaler Output (2) (1) Note 1: Delay from clock input change to Timer0 increment is 3 TOSC to 7 TOSC. (Duration of Q = TOSC). Therefore, the error in measuring the interval between two edges on Timer0 input = ±4 TOSC max. 2: External clock if no prescaler selected; prescaler output otherwise. 3: The arrows indicate the points in time where sampling occurs. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |