| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP4361T503E/ML bảng dữ liệu(PDF) 50 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4361T503E/ML bảng dữ liệu(HTML) 50 Page - Microchip Technology |
|
50 / 80 page ![]() MCP434X/436X DS22233A-page 50 © 2009 Microchip Technology Inc. 7.4 Continuous Commands The device supports the ability to execute commands continuously. While the CS pin is in the active state (VIL or VIHH). Any sequence of valid commands may be received. The following example is a valid sequence of events: 1. CS pin driven active (VIL or VIHH). 2. Read Command. 3. Increment Command (Wiper 0). 4. Increment Command (Wiper 0). 5. Decrement Command (Wiper 1). 6. Write Command (Volatile memory). 7. Write Command (Non-Volatile memory). 8. CS pin driven inactive (VIH). Note 1: It is recommended that while the CS pin is active, only one type of command should be issued. When changing commands, it is recommended to take the CS pin inactive then force it back to the active state. 2: It is also recommended that long command strings should be broken down into shorter command strings. This reduces the probability of noise on the SCK pin corrupting the desired SPI command string. |