công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC12F508I/ST bảng dữ liệu(PDF) 109 Page - Microchip Technology

tên linh kiện PIC12F508I/ST
Giải thích chi tiết về linh kiện  8/14-Pin, 8-Bit Flash Microcontrollers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F508I/ST bảng dữ liệu(HTML) 109 Page - Microchip Technology

Back Button PIC12F508I/ST Datasheet HTML 102Page - Microchip Technology PIC12F508I/ST Datasheet HTML 103Page - Microchip Technology PIC12F508I/ST Datasheet HTML 104Page - Microchip Technology PIC12F508I/ST Datasheet HTML 105Page - Microchip Technology PIC12F508I/ST Datasheet HTML 106Page - Microchip Technology PIC12F508I/ST Datasheet HTML 107Page - Microchip Technology PIC12F508I/ST Datasheet HTML 108Page - Microchip Technology PIC12F508I/ST Datasheet HTML 109Page - Microchip Technology PIC12F508I/ST Datasheet HTML 110Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 109 / 110 page
background image
© 2009 Microchip Technology Inc.
DS41236E-page 109
PIC12F508/509/16F505
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
XXX
Pattern
Package
Temperature
Range
Device
Device:
PIC16F505
PIC12F508
PIC12F509
PIC16F505T(1)
PIC12F508T(2)
PIC12F509T(2)
Temperature
Range:
I=
-40
°C to +85°C (Industrial)
E=
-40
°C to +125°C (Extended)
Package:
MC
=
8L DFN 2x3 (DUAL Flatpack No-Leads)(3, 4)
MS
=
Micro-Small Outline Package (MSOP)(3, 4)
P
=
Plastic (PDIP)(4)
SL
=
14L Small Outline, 3.90 mm (SOIC)(4)
SN
=
8L Small Outline, 3.90 mm Narrow (SOIC)(4)
ST
=
Thin Shrink Small Outline (TSSOP)(4)
MG
=
16L QFN (3x3x0.9)(5)
Pattern:
Special Requirements
Examples:
a)
PIC12F508-E/P 301 = Extended Temp., PDIP
package, QTP pattern #301
b)
PIC12F508-I/SN = Industrial Temp., SOIC
package
c)
PIC12F508T-E/P = Extended Temp., PDIP
package, Tape and Reel
Note 1:
T
= in tape and reel SOIC, TSSOP and
QFN packages only
2:
T
= in tape and reel SOIC and MSOP
packages only.
3:
PIC12F508/PIC12F509 only.
4:
Pb-free.
5:
PIC16F505 only.
Note:
Tape and Reel available for only the following packages: SOIC, MSOP
and TSSOP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com